Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4094 Datasheet (PDF) - NEC

UPC4094 Datasheet PDF - NEC
Part # UPC4094
Download  UPC4094 Download
File Size   89.41 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER

UPC4094 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC4094 Datasheet PDF - NEC

Part # UPC4094
Download  UPC4094 Click to download

File Size   89.41 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER

UPC4094 Datasheet (HTML) - NEC


UPC4094 Product details

J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER

Dual operational amplifier µPC4094 is a high-speed version of the µPC4092. NECs unique high-speed PNP transistor (fT = 300 MHz) in the output stage realizes a high slew rate of 25 V/µs under voltage-follower conditions without an oscillation problem. Zener-zap resistor trimming in the input stage produces excellent offset voltage and temperature drift characteristics.
With AC performance characteristics that are two times better than conventional bi-FET operation amplifiers, the µPC4094 is ideal for fast integrators, active filters, and other high-speed circuit applications.

FEATURES
• Stable operation with 220 pF capacitive load
• Low input offset voltage and offset voltage
    ±3 mV (MAX.)
    ±7 µV/°C (TYP.) temperature drift
• Very low input bias and offset currents
• Low noise : en = 19 nV/ √Hz (TYP.)
• Output short circuit protection
• High input impedance ... J-FET Input Stage
• Internal frequency compensation
• High slew rate: 25 V/µs (TYP.)




Similar Part No. - UPC4094

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC4094 RENESAS-UPC4094 Datasheet
284Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC4094 RENESAS-UPC4094 Datasheet
562Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Dual Operational Amplifier
Rev.1.00 Feb.25.25
UPC4094G2-AP RENESAS-UPC4094G2-AP Datasheet
562Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Dual Operational Amplifier
Rev.1.00 Feb.25.25
More results


Similar Description - UPC4094

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
UPC4091 NEC-UPC4091 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC812 NEC-UPC812 Datasheet
401Kb / 10P
DUAL J-FET INPUT LOW-OFFSET OPRERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4082 RENESAS-PC4082_15 Datasheet
264Kb / 11P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER
PC4092 RENESAS-PC4092_15 Datasheet
228Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com