Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC811 Datasheet (PDF) - NEC

UPC811 Datasheet PDF - NEC
Part # UPC811
Download  UPC811 Download
File Size   391.72 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER

UPC811 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC811 Datasheet PDF - NEC

Part # UPC811
Download  UPC811 Click to download

File Size   391.72 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER

UPC811 Datasheet (HTML) - NEC


UPC811 Product details

DESCRIPTION
The μPC811 operational amplifier offers high input
impedance, low offset voltage, high slew rate, and
stable AC operating characteristics. NEC's unique
high-speed PNP transistor (fr-300 MHz) in the output
stage solves the oscillation problem of current sink-
ing with a large capacitive load. Zener-zap resistor
trimming in the input stage produces excellent offset
voltage and temperature drift characteristics.

FEATURES
• Stable operation with 10 000 pF capacitive load
Low input offset voltage and offset voltage null
capability
±2.5 mV (MAX.)
+7 μV/°C (TYP.) temperature drift
Very low input bias and offset currents
• Low noise : en = 19 nV/VHz (TYP.)
• Output short circuit protection
• High input impedance... J-FET Input Stage
• Internal frequency compensation
High slew rate: 15 V/us (TYP.)




Similar Part No. - UPC811

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC811 RENESAS-UPC811 Datasheet
380Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
Rev.2.00 Feb.25.25
logo
NEC
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results


Similar Description - UPC811

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4091 NEC-UPC4091 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4094 NEC-UPC4094 Datasheet
89Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2162 NJRC-NJM2162 Datasheet
257Kb / 5P
J-FET INPUT OPERATIONAL AMPLIFIER??????
logo
NEC
UPC812 NEC-UPC812 Datasheet
401Kb / 10P
DUAL J-FET INPUT LOW-OFFSET OPRERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4092 RENESAS-PC4092_15 Datasheet
228Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com