Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC812 Datasheet (PDF) - Renesas Technology Corp

UPC812 Datasheet PDF - Renesas Technology Corp
Part # UPC812
Download  UPC812 Download
File Size   735.05 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier

UPC812 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC812 Datasheet PDF - Renesas Technology Corp

Part # UPC812
Download  UPC812 Click to download

File Size   735.05 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier

UPC812 Datasheet (HTML) - Renesas Technology Corp


UPC812 Product details

FEATURES
 Input Offset Voltage ±1 mV (TYP.) (±3 mV MAX.)
 VIO Temperature Drift ±7 μV/C (TYP.)
 Input Bias Current 50 pA (TYP.)
 Slew Rate 15 V/μs (TYP.)
 Unity Gain Frequency 4 MHz (TYP.)
 Input Equivalent Noise Voltage Density 19 nV/ Hz (TYP.) (f = 1 kHz)
 Stable operation against capacitive load (Capacitive Load at 10000 pF, AV = +1 )
 Built-In Phase Compensation Circuit
 Built-In Output Short Circuit Protection
 Standard Dual Op-Amp terminal connection (pin compatible)




Similar Part No. - UPC812

ManufacturerPart #DatasheetDescription
logo
NEC
UPC812 NEC-UPC812 Datasheet
401Kb / 10P
DUAL J-FET INPUT LOW-OFFSET OPRERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC812 RENESAS-UPC812 Datasheet
559Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
Rev.2.00 Feb.25.25
logo
NEC
UPC8120T NEC-UPC8120T Datasheet
550Kb / 52P
VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
UPC8120T NEC-UPC8120T Datasheet
371Kb / 40P
-15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
California Eastern Labs
UPC8120T CEL-UPC8120T Datasheet
720Kb / 4P
NECs VARIABLE GAIN AMPLIFIER
More results


Similar Description - UPC812

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
UPC4091 NEC-UPC4091 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4094 NEC-UPC4094 Datasheet
89Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC812 NEC-UPC812 Datasheet
401Kb / 10P
DUAL J-FET INPUT LOW-OFFSET OPRERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4092 RENESAS-PC4092_15 Datasheet
228Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com