Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOC-IPSC Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FOC-IPSC
Description  IP68 RATED SC CONNECTOR, 4.5-7.2mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FOC-IPSC Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FOC-IPSC Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHOSPODAR
1.24
31.6
4.29
108.9
4.50
114.3
FOC-IPSC**-**N ITEM NUMBERS
WITHOUT DUST CAP
FOC-IPSC**-**D ITEM NUMBERS
WITH DUST CAP
DUST CAP &
LANYARD
NOTES:
1. ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
FIBER TYPE
FIBER CABLE JACKET DIAMETER OPTIONS WITHOUT DUST CAP
4.5-4.9mm
5.3-5.8mm
5.8-6.2mm
6.8-7.2mm
SC/PC MMF
FOC-IPSCMM-48N
FOC-IPSCMM-50N
FOC-IPSCMM-60N
FOC-IPSCMM-70N
SC/UPC SMF
FOC-IPSCSM-48N
FOC-IPSCSM-50N
FOC-IPSCSM-60N
FOC-IPSCSM-70N
SC/APC SMF
FOC-IPSCSA-48N
FOC-IPSCSA-50N
FOC-IPSCSA-60N
FOC-IPSCSA-70N
FIBER TYPE
FIBER CABLE JACKET DIAMETER OPTIONS WITH DUST CAP
4.5-4.9mm
5.3-5.8mm
5.8-6.2mm
6.8-7.2mm
SC/PC MMF
FOC-IPSCMM-48D
FOC-IPSCMM-50D
FOC-IPSCMM-60D
FOC-IPSCMM-70D
SC/UPC SMF
FOC-IPSCSM-48D
FOC-IPSCSM-50D
FOC-IPSCSM-60D
FOC-IPSCSM-70D
SC/APC SMF
FOC-IPSCSA-48D
FOC-IPSCSA-50D
FOC-IPSCSA-60D
FOC-IPSCSA-70D
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
FOC-IPSC
A
1
1
DFRISIELLO
06/03/2020
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
06/03/2020
06/03/2020
A
INITIAL RELEASE
PHOSPODAR
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
IP68 RATED SC CONNECTOR,
4.5-7.2mm
FIBER OPTIC
UNLESS OTHERWISE SPECIFIED,
DZINN
COLOR VARIATIONS
MAY OCCUR
06/03/2020
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: FOC-IPSC.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]


Similar Part No. - FOC-IPSC

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FOC-IPADCAP L-COM-FOC-IPADCAP Datasheet
103Kb / 1P
IP68 Rated Dust Cap for FO series couplers
05/28/2020
FOC-IPCOCAP L-COM-FOC-IPCOCAP Datasheet
88Kb / 1P
IP68 Rated Dust Cap for FOC-IP series connectors
05/07/2020
FOC-IPMF L-COM-FOC-IPMF Datasheet
112Kb / 1P
IP68 MPO FEMALE CONNECTOR WITH LOCK RING, 4.5-6.2mm
06/03/2020
FOC-IPMF1M-L48N L-COM-FOC-IPMF1M-L48N Datasheet
112Kb / 1P
IP68 MPO FEMALE CONNECTOR WITH LOCK RING, 4.5-6.2mm
06/03/2020
FOC-IPMF1M-L60N L-COM-FOC-IPMF1M-L60N Datasheet
112Kb / 1P
IP68 MPO FEMALE CONNECTOR WITH LOCK RING, 4.5-6.2mm
06/03/2020
More results

Similar Description - FOC-IPSC

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
2403-260-00057 KNOWLES-2403-260-00057 Datasheet
967Kb / 21P
SPEAKER-1318-4.5-SC-DUMBO
logo
FCI connector
10045588 FCI-CONNECTOR-10045588 Datasheet
124Kb / 2P
7.2mm R/A GUIDE BALDE
10045367-101LF FCI-CONNECTOR-10045367-101LF Datasheet
123Kb / 2P
7.2MM R/A GUIDE SOCKET
10037909-101LF FCI-CONNECTOR-10037909-101LF Datasheet
123Kb / 2P
7.2mm GUIDE MODULE, RIGHT ANGLE
logo
Molex Electronics Ltd.
0732162440 MOLEX11-0732162440 Datasheet
74Kb / 1P
50 Ohms, TNC 2 Hole Flange, Jack Receptacle, IP68 Rated
logo
Knowles Electronics
2403-260-00058 KNOWLES-2403-260-00058 Datasheet
1,013Kb / 22P
SPEAKER-1318-4.5-SC-SAMBO
logo
Hirose Electric
HR41A HIROSE-HR41A Datasheet
96Kb / 1P
IP68 Small Plastic Power Connector
logo
Molex Electronics Ltd.
0732162440 MOLEX-0732162440_V01 Datasheet
63Kb / 1P
50 Ohms, TNC 2 Hole Flange, Jack Receptacle, IP68 Rated
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com