Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 66Page - Texas Instruments TMS320DM641 Datasheet HTML 67Page - Texas Instruments TMS320DM641 Datasheet HTML 68Page - Texas Instruments TMS320DM641 Datasheet HTML 69Page - Texas Instruments TMS320DM641 Datasheet HTML 70Page - Texas Instruments TMS320DM641 Datasheet HTML 71Page - Texas Instruments TMS320DM641 Datasheet HTML 72Page - Texas Instruments TMS320DM641 Datasheet HTML 73Page - Texas Instruments TMS320DM641 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 179 page
background image
Device Configurations
70
June 2003 − Revised October 2005
SPRS222E
31
24
Reserved
R-0
23
16
Reserved
R-0
15
8
Reserved
R-0
76
54
3
21
0
Reserved
Reserved
VP1EN†
VP0EN
I2C0EN
MCBSP1EN
MCBSP0EN
MCASP0EN
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
Legend: R = Read only; R/W = Read/Write; -n = value after reset
† The DM640 device does not support the VP1 peripheral; therefore, this bit is Reserved.
Figure 2−1. Peripheral Configuration Register (PERCFG) [Address Location: 0x01B3F000 − 0x01B3F003]
Table 2−3. Peripheral Configuration (PERCFG) Register Selection Bit Descriptions
BIT
NAME
DESCRIPTION
31:6
Reserved
Reserved. Read-only, writes have no effect.
5
VP1EN
VP1 Enable bit [DM641 only].
Determines whether the VP1 peripheral is enabled or disabled.
0 = VP1 is disabled, and the module is powered down (default).
(This feature allows power savings by disabling the peripheral when not in use.)
1 = VP1 is enabled.
The DM640 device does not support the VP1 peripheral; therefore, this bit is Reserved.
4
VP0EN
VP0 Enable bit.
Determines whether the VP0 peripheral is enabled or disabled.
0 = VP0 is disabled, and the module is powered down (default).
(This feature allows power savings by disabling the peripheral when not in use.)
1 = VP0 is enabled.
3
I2C0EN
Inter-integrated circuit 0 (I2C0) enable bit.
Selects whether I2C0 peripheral is enabled or disabled (default).
0 = I2C0 is disabled, and the module is powered down (default).
1 = I2C0 is enabled.
2
MCBSP1EN
Video Port 1 (VP1) lower data pins vs. McBSP1 enable bit.
Selects whether VP1 peripheral lower-data pins or the McBSP1 peripheral is enabled.
0 = VP1 lower-data pins are enabled and function (if VP1EN=1), McBSP1 is disabled; the
remaining VP1 upper-data pins are dependent on the MCASP0EN bit and the VP1EN bit
settings.
1 = McBSP1 is enabled, VP1 lower-data pin functions are disabled (default).
For a graphic (logic) representation of this Peripheral Configuration (PERCFG) Register selection bit and
the signal pins controlled/selected, see Figure 2−2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com