Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM641 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 72Page - Texas Instruments TMS320DM641 Datasheet HTML 73Page - Texas Instruments TMS320DM641 Datasheet HTML 74Page - Texas Instruments TMS320DM641 Datasheet HTML 75Page - Texas Instruments TMS320DM641 Datasheet HTML 76Page - Texas Instruments TMS320DM641 Datasheet HTML 77Page - Texas Instruments TMS320DM641 Datasheet HTML 78Page - Texas Instruments TMS320DM641 Datasheet HTML 79Page - Texas Instruments TMS320DM641 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 179 page
background image
Device Configurations
76
June 2003 − Revised October 2005
SPRS222E
2.5
Multiplexed Pin Configurations
Multiplexed pins are pins that are shared by more than one peripheral and are internally multiplexed. Some
of these pins are configured by software, and the others are configured by external pullup/pulldown resistors
only at reset. Those muxed pins that are configured by software should not be programmed to switch
functionalities during run-time. Those muxed pins that are configured by external pullup/pulldown resistors
are mutually exclusive; only one peripheral has primary control of the function of these pins after reset.
Table 2−7 identifies the multiplexed pins on the DM641/DM640 device; shows the default (primary) function
and the default settings after reset; and describes the pins, registers, etc. necessary to configure specific
multiplexed functions.
Table 2−7. DM641/DM640 Device Multiplexed Pin Configurations
MULTIPLEXED PINS
DEFAULT
DEFAULT
DESCRIPTION
NAME
NO.
DEFAULT
FUNCTION
DEFAULT
SETTING
DESCRIPTION
CLKOUT4/GP0[1]
D6
CLKOUT4
GP1EN = 0 (disabled)
These pins are software-configurable. To use these pins as
GPIO pins, the GPxEN bits in the GPIO Enable Register and
the GPxDIR bits in the GPIO Direction Register must be
properly configured
CLKOUT6/GP0[2]
C6
CLKOUT6
GP2EN = 0 (disabled)
properly configured.
GPxEN = 1:
GPx pin enabled
GPxDIR = 0:
GPx pin is an input
GPxDIR = 1:
GPx pin is an output
VP1D[6]/CLKR1
AD8
Muxed on the DM641 device only
VP1D[5]/FSR1
AC7
Muxed on the DM641 device only
[The DM640 device does not support the VP1 peripheral;
therefore the McBSP1 peripheral pins are standalone
VP1D[4]/DR1
AD7
M BSP1
VP1EN bit = 0
(di bl d)
therefore, the McBSP1 peripheral pins are standalone
peripheral functions, not muxed.]
VP1D[3]/CLKS1
AE7
McBSP1
functions
(disabled)
MCBSP1EN bit = 1
peripheral functions, not muxed.]
VP1D[2]/DX1
AC6
functions
MCBSP1EN bit = 1
(enabled)
By default, the McBSP1 peripheral, function is enabled upon
reset (MCBSP1EN bit 1)
VP1D[1]/FSX1
AD6
(enabled)
reset (MCBSP1EN bit = 1).
To enable the Video Port 1 data pins, the VP1EN bit in the
VP1D[0]/CLKX1
AE6
To enable the Video Port 1 data pins, the VP1EN bit in the
PERCFG register must be set to a 1.
VP0D[6]/CLKR0
AE15
VP0D[5]/FSR0
AB16
VP0D[4]/DR0
AC16
M BSP0
VP0EN bit = 0
(di bl d)
By default, the McBSP0 peripheral function is enabled upon
(MCBSP0EN bi
1)
VP0D[3]/CLKS0
AD16
McBSP0
functions
(disabled)
MCBSP0EN bit = 1
yp p
p
reset (MCBSP0EN bit = 1).
To enable the Video Port 0 data pins the VP0EN bit in the
VP0D[2]/DX0
AE16
functions
MCBSP0EN bit = 1
(enabled)
To enable the Video Port 0 data pins, the VP0EN bit in the
PERCFG register must be set to a 1.
VP0D[1]/FSX0
AF16
(enabled)
PERCFG register must be set to a 1.
VP0D[0]/CLKX0
AF17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com