Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG908P-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG908P-RSP
Description  HyperLink Wireless 900 MHz 8 dBi Flat Patch Antenna for ISM, GSM, RFID and Wireless LAN Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG908P-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG908P-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG908P-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG908P-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-COM, INC. 45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
WWW.L-COM.COM E-MAIL: SALES@L-COM.COM PHONE: 1-800-343-1455 FAX: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless
900 MHz 8 dBi Flat Patch Antenna
for ISM, GSM, RFID and Wireless LAN Systems
Features
Applications:
900MHz ISM Band
Wireless LAN systems
GSM
RFID
SCADA
Wireless Video Links
900MHz Cellular
Features:
Superior performance
Light weight
Durable UV-stable, UL flame rated radome
Low loss solid brass elements
DC Short lightning protection
12 inch coax lead
Can be installed for either vertical or horizontal
polarization
Optional Mounting Kits available
RoHS Compliant
Model: HG908P
Product Description
Only 8.5 inches square!
Superior Performance
This high gain flat patch antenna provides 8 dBi gain with broad coverage. It is suitable for both indoor and outdoor wireless LAN
and wireless video applications in the 900MHz ISM band, GSM, 900MHz cellular and RFID applications.
Rugged and Weatherproof
This antenna's construction features sealed internal elements and an aesthetic UV-stable, UL flame rated white plastic radome.
Can be wall or mast mounted using U-bolts.


Similar Part No. - HG908P-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG908P-RTP L-COM-HG908P-RTP Datasheet
129Kb / 3P
HyperLink Wireless 900 MHz 8 dBi Flat Patch Antenna for ISM, GSM, RFID and Wireless LAN Systems
More results

Similar Description - HG908P-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51025 PASTERNACK-PE51025 Datasheet
644Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; LHCP
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30046-RA WPI-WPANT30046-RA Datasheet
161Kb / 2P
900 MHz GSM Corner Antenna
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
800 / 900 MHz ISM Band and GSM Embedded Antenna
WPANT10058 WPI-WPANT10058 Datasheet
100Kb / 2P
ISM 900 MHz Miniature Antenna
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com