Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG908P-RTP Datasheet (PDF) - Infinite Electronics International, Inc.

HG908P-RTP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG908P-RTP
Download  HG908P-RTP Download
File Size   129.68 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 8 dBi Flat Patch Antenna for ISM, GSM, RFID and Wireless LAN Systems

HG908P-RTP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG908P-RTP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG908P-RTP
Download  HG908P-RTP Click to download

File Size   129.68 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 8 dBi Flat Patch Antenna for ISM, GSM, RFID and Wireless LAN Systems

HG908P-RTP Datasheet (HTML) - Infinite Electronics International, Inc.


HG908P-RTP Product details

Applications: y 900MHz ISM Band
y Wireless LAN systems
y GSM
y RFID
y SCADA
y Wireless Video Links
y 900MHz Cellular

Features: y Superior performance
y Light weight
y Durable UV-stable, UL flame rated radome
y Low loss solid brass elements
y DC Short lightning protection
y 12 inch coax lead
y Can be installed for either vertical or horizontal
polarization
y Optional Mounting Kits available
y RoHS Compliant




Similar Part No. - HG908P-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG908P-RSP L-COM-HG908P-RSP Datasheet
129Kb / 3P
HyperLink Wireless 900 MHz 8 dBi Flat Patch Antenna for ISM, GSM, RFID and Wireless LAN Systems
HG908P
More results


Similar Description - HG908P-RTP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51025 PASTERNACK-PE51025 Datasheet
644Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; LHCP
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30046-RA WPI-WPANT30046-RA Datasheet
161Kb / 2P
900 MHz GSM Corner Antenna
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
800 / 900 MHz ISM Band and GSM Embedded Antenna
WPANT10058 WPI-WPANT10058 Datasheet
100Kb / 2P
ISM 900 MHz Miniature Antenna
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com