Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG908P-RTP Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # HG908P-RTP
Description  HyperLink Wireless 900 MHz 8 dBi Flat Patch Antenna for ISM, GSM, RFID and Wireless LAN Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG908P-RTP Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  HG908P-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG908P-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG908P-RTP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
L-COM, INC. 45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
WWW.L-COM.COM E-MAIL: SALES@L-COM.COM PHONE: 1-800-343-1455 FAX: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Model: HG908P
Mounting Options
Hyperlink's patch antennas offer several unique mounting options. They can be mounted flat against a wall, or to a mast using
a pair of 2 inch U-bolts. The antennas also accept most tilt-and-swivel security camera brackets equipped with standard 1/4-20
threads.
Description
Part Number
Small Metal Tilt-and-Swivel Mounting Bracket for indoor wall mounting. Includes wall-mounting
hardware.
HGX-PMT02
Medium Plastic Tilt-and-Swivel Mounting Bracket for indoor wall mounting. Includes wall-mounting
hardware.
HGX-PMT03
Large Metal Tilt-and-Swivel Mounting Bracket for indoor and outdoor wall or mast mounting. Includes
wall-mounting hardware. Can be mast-mounted using U-Bolt Kit (sold separately).
HGX-PMT04
Universal Antenna Mount powder coated galvanized steel “DSS-style” arm for outdoor wall mounting.
Requires a pair of 2 inch U-bolts (sold separately).
HGX-UMOUNT
Stationary Mounting Kit for mounting to 1-1/4" to 2" dia. masts. Includes U-Bolts, nuts and mast clamp.
HGX-PMT07
60 Degree Tilt-and-Swivel Mounting Kit for mounting to 1-1/4" to 2" dia. masts. Mounting hardware
included.
HGX-PMT06
Ceiling/Wall Universal Antenna Mount can be used with 4.5" sq and 8.5" sq. patch antennas as well as
N-Type bulkhead and TNC/BNC bulkhead omni directional antennas. Includes ceiling/wall mounting
hardware.
HGX-UMOUNT02
Universal Corner Mounting Bracket: This bracket is designed to mount to an outside corner of a
structure. It can be used with 4.5" and 8.5" sq. patch antennas, radome enclosed Yagi antennas, the
HGX-PMT02 tilt & swivel bracket and can accommodate the SC2402N and SC5802N 2-Way signal
splitters as well as HyperAmp outdoor amplifiers.
HGX-UMOUNT03
Window Mounting Kit Includes suction cups and mounting hardware.
HGX-PMT08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com