Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG908P-RTP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG908P-RTP
Description  HyperLink Wireless 900 MHz 8 dBi Flat Patch Antenna for ISM, GSM, RFID and Wireless LAN Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG908P-RTP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG908P-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG908P-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG908P-RTP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L-COM, INC. 45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
WWW.L-COM.COM E-MAIL: SALES@L-COM.COM PHONE: 1-800-343-1455 FAX: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Model: HG908P
Specifications
Electrical Specifications
Frequency
902-928 MHz
Gain
8 dBi
Horizontal Beam Width
75 degrees
Vertical Beam Width
65 degrees
Impedance
50 Ohm
VSWR
< 1.5:1 avg.
Mechanical Specifications
Weight
< 1 lb. (0.45 kg)
Dimensions
8.5" x 8.5" x 1.2" (0.22 x 0.22 x 0.03
mm)
Radome Material
UV-inhibited Polymer
Flame Rating
UL 94HB
Mounting
Four ¼" Holes
Polarization
Horizontal and Vertical
Operating Temperature
-40° C to 85° C
(-40° F to 185° F)
Wind Survival
>150 MPH
RoHS Compliant
Yes
RF Antenna Gain Patterns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com