Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101 Datasheet(PDF) 1 Page - Stannol GmbH & Co KG

Part # 101
Description  Halogen and rosin free flux
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

101 Datasheet(HTML) 1 Page - Stannol GmbH & Co KG

  101 Datasheet HTML 1Page - Stannol GmbH & Co KG 101 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
FLUX I 101
Halogen and rosin free flux
STANNOL GmbH & Co. KG • TDB_I 101_EN • Stand: 20.03.2026
Haberstr. 24 • 42551 Velbert • Tel: +49 (0)2051-3120-0 • Fax: +49 (0)2051-3120-111 • E-Mail: info@stannol.de • www.stannol.de
1
PRODUCT DESCRIPTION
I 101is a halogen free flux to be used in the assembly of electronic compounds. This flux will provide excellent results. I 101
is based on a newly formulated carrier system which does not leave corrosive or conductive residues on the surface after
soldering. Based on the proprietary chemistry extreme good results are obtained in regard to surface insulation resistivity.
For high integration of electronic compounds I 101 will provide all the characteristics which are described in the test
procedure of the DIN EN 29454-1. In addition much higher surface resistivity is achieved when tested at high humidity, what
allows using this flux for the most sophisticated electronic applications.
PRODUCT PROPERTIES
• rosin free
• No-Clean
• Spraying and foaming
• halogen free
• good wetting
In accordance with:
DIN EN 29454-1: 2.1.3.A
ANSI J-STD–004: OR L0
APPLICATION
I 101 is suitable for the assembly of electronic device for OEM, communication, military, air- and space Electronics. It can be
used also for consumer electronics. The exceptional properties can be used to optimize SMD assembly.
PROCESSING PROPERTIES
I 101 is suitable for all types of soldering equipment. The flux can be applicate by foaming and any other way like spraying.
When applied by foaming dry foam with small bubbles will be generated. This leads to excellent wetting of the surface.
PROCESSING PARAMETERS - RECOMMENDATION
Preheating:
ca. 80 - 110 °C PCB top side
Amount of flux:
ca. 25 – 30 ml / min
Transportation speed:
ca. 0,8 – 1,2 m / min
Solder bath temperature:
ca. 260 – 265 °C
CLEANING
Because the PCB surfaces are generally residue-free after soldering when using the I 101 flux cleaning is not required after
soldering. There are some specifications calling for cleaning. In such cases the use of cleaners is recommended. The
cleaners remove all residues and provide a clean surface. In addition a high SIR-value will be the result of the cleaning
process.


Similar Part No. - 101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
101 STMICROELECTRONICS-101 Datasheet
38Kb / 5P
0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
22-Jan-2002
logo
Riedon Powertron
101 RIEDON-101 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Productwell Precision E...
101 PRODUCTWELL-101 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
List of Unclassifed Man...
101 ETC2-101 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Silicon Laboratories
101 SILABS-101 Datasheet
452Kb / 13P
NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
More results

Similar Description - 101

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
Lead-free (RoHS compliant) and Halogen-free
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
RoHs Compliant and Halogen Free
logo
Infineon Technologies A...
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
Pb-free and halogen-free package
Revision 1.2, 2014-05-14
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
Pb-free and halogen free package
Revision 1.4, 2014-05-14
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
RoHS and Halogen-Free Compliant
logo
List of Unclassifed Man...
EF-8000GL ETC-EF-8000GL Datasheet
204Kb / 4P
Low Rosin, Pb-Free/Sn-Pb Capable Wave Flux
12-16-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com