Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101 Datasheet(PDF) 2 Page - Stannol GmbH & Co KG

Part # 101
Description  Halogen and rosin free flux
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

101 Datasheet(HTML) 2 Page - Stannol GmbH & Co KG

  101 Datasheet HTML 1Page - Stannol GmbH & Co KG 101 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STANNOL GmbH & Co. KG • TDB_I 101_EN • Stand: 20.03.2026
Haberstr. 24 • 42551 Velbert • Tel: +49 (0)2051-3120-0 • Fax: +49 (0)2051-3120-111 • E-Mail: info@stannol.de • www.stannol.de
2
CONTROL OF DENSITY
The control of the required specific density can be achieved by using our special thinner 120.
PHYSICAL PROPERTIES
Specific Density 20°C
0,792 g/cm³
Solid Content
2,5 %
Acid Value
20,0 mg KOH /g
Color
clear
SHELF LIFE
2 years after date of production (provided proper storage in originally sealed container).
DELIVERY FORMS
• 2,5 L - 10 L - 25 L cans
• Special sizes by request
DISCLAIMER
Our recommendations for the technical handling by word, writing and by tests ensues our best knowledge yet is nothing but an unobliging instruction, also in
respect on possible protective rights against third parties and does not free from own tests of the delivered products regarding the suitability for your intended
procedures and purposes. Usage, procedure and application happens outside of our possibilities of control and this lie outside our responsibility. Should
nevertheless arise a liability it shall be limited to the value of the delivered and used product of our manufacture. We quarantee of course the faultless quality of
our products in accordance with the general conditions of sale and delivery.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com