Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBDF01W5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # USBDF01W5
Description  EMI filter and line termination for USB downstream ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBDF01W5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button USBDF01W5 Datasheet HTML 2Page - STMicroelectronics USBDF01W5 Datasheet HTML 3Page - STMicroelectronics USBDF01W5 Datasheet HTML 4Page - STMicroelectronics USBDF01W5 Datasheet HTML 5Page - STMicroelectronics USBDF01W5 Datasheet HTML 6Page - STMicroelectronics USBDF01W5 Datasheet HTML 7Page - STMicroelectronics USBDF01W5 Datasheet HTML 8Page - STMicroelectronics USBDF01W5 Datasheet HTML 9Page - STMicroelectronics USBDF01W5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Application information
USBDFxxW5
6/11
Figure 7.
Remaining voltage at both stages S1 (Vinput) and S2 (Voutput) during ESD
surge
Note that the USBDFxxW5 is not only acting for positive ESD surges but also for negative
ones. Negative disturbances are clamped close to ground voltage as shown in Figure 7.b.
2.3
Latch-up phenomena
The early ageing and destruction of IC’s is often due to latch-up phenomena which is mainly
induced by dV/dt. Thanks to its structure, the USBDFxxW5 provides a high immunity to
latch-up phenomena by smoothing very fast edges.
2.4
Crosstalk behaviour
Figure 8.
Crosstalk phenomena
The crosstalk phenomena is due to the coupling between 2 lines. The coupling factor (
β12
or
β21 ) increases when the gap across lines decreases, this is the reason why we provide
crosstalk measurements for a monolithic device to guarantee negligeable crosstalk between
the lines. In the example above, the expected signal on load RL2 is α2VG2, in fact the real
voltage at this point has got an extra value
β21VG1. This part of the VG1 signal represents
the effect of the crosstalk phenomenon of the line 1 on the line 2. This phenomenon has to
be taken into account when the drivers impose fast digital data or high frequency analog
signals in the disturbing line. The perturbed line will be more affected if it works with low
voltage signal or high load impedance (few k
Ω).
A. Positive surge
B. Negative surge
Line 1
Line 2
VG1
VG2
RG1
RG2
DRIVERS
RL1
RL2
RECEIVERS
αβ
1
G1
1 2
G2
V+
V
αβ
2
G2
2 1
G1
V+
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com