Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBDF01W5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # USBDF01W5
Description  EMI filter and line termination for USB downstream ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBDF01W5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button USBDF01W5 Datasheet HTML 3Page - STMicroelectronics USBDF01W5 Datasheet HTML 4Page - STMicroelectronics USBDF01W5 Datasheet HTML 5Page - STMicroelectronics USBDF01W5 Datasheet HTML 6Page - STMicroelectronics USBDF01W5 Datasheet HTML 7Page - STMicroelectronics USBDF01W5 Datasheet HTML 8Page - STMicroelectronics USBDF01W5 Datasheet HTML 9Page - STMicroelectronics USBDF01W5 Datasheet HTML 10Page - STMicroelectronics USBDF01W5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
USBDFxxW5
Package information
9/11
3
Package information
Figure 15.
Recommended footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 3.
SOT323-5L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.086
E
1.15
1.35
0.045
0.053
e
0.65 Typ.
0.025 Typ.
H
1.8
2.4
0.071
0.094
Q1
0.1
0.4
0.004
0.016
A1
A2
A
L
HE
c
Q1
b
E
D
e
e
0.3
1.0
1.0
2.9
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com