Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7552BST6 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7552BST6
Description  Precision Adjustable Current-Limited Power Distribution Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7552BST6 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7552BST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7552BST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO7552B/7553B
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO7552B/7553B• Rev. 1.3
Electrical Characteristics
Typical value: TA = 25°C, VIN = 5V, unless otherwise specified.
Symbol
Parameters
Conditions
Min
Typ.
Max
Unit
VIN
Operation Voltage
4.75
5.5
V
RDS(ON)
On Resistance
VIN=5V
70
mΩ
Ios
Over Current Limit
RSET=10kΩ
-40°C≤TA≤85°C
2.31
2.57
3.08
A
RSET=15kΩ
-40°C≤TA≤85°C
1.54
1.7
1.96
A
RSET=24kΩ
-40°C≤TA≤85°C
0.97
1.07
1.18
A
IQ
Quiescent Supply Current
Open load, IC Enabled.
70
μA
tON+tR
Turn-On time & Output turn
on Rise Time
VIN=5.5V, CL=1μF, RL=100Ω,
See Figure 3
3
4.5
ms
tOFF+tF
Turn-Off time & Output turn
off Rise Time
VIN=5.5V, CL=1μF, RL=100Ω,
See Figure 3
0.1
1.5
ms
VEN(H)
EN Input Threshold-High VIH
1.4
V
VEN(L)
EN Input Threshold-Low VIL
0.4
V
FLAG Deglitch Time
FLAG assertion or desertion
4
8
15
ms
Output Reverse Voltage
Deglitch Time
2.5
4
7
ms
RDIS
Discharge Resistance
VIN=5V, Disabled, IOUT=1mA
450
Ω
ISHDN
Shutdown Input Current
Open load, IC Disabled.
1
μA
TSD
Thermal Shutdown
140
°C
Thermal Limit Hysteresis
20
°C
Specifications subject to change without notice.
VEN
VEN
50%
50%
50%
50%
TD(OFF)
TD(OFF)
TR
TR
TF
TF
TD(ON)
TD(ON)
90%
90%
90%
90%
VOUT
VOUT
10%
10%
10%
10%
Figure 3 Voltage Waveforms: DIO7552B(left), DIO7553B(right)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com