Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7552BST6 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7552BST6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO7552BST6
Download  DIO7552BST6 Download
File Size   732.32 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Precision Adjustable Current-Limited Power Distribution Switches

DIO7552BST6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO7552BST6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO7552BST6
Download  DIO7552BST6 Click to download

File Size   732.32 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Precision Adjustable Current-Limited Power Distribution Switches

DIO7552BST6 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7552BST6 Product details

Features
70mΩ(typ) High-Side MOSFET
2.31A Maximum Continuous Load Current
±10% Current-Limit Accuracy at 1A typically
Adjustable Current Limit: 400mA–2.57A (typ)
Operating Range: 4.75V to 5.5V
70μA(typ) Quiescent Current
2μs Fast Over current Response Typically
Reverse Input-Output Voltage Protection
Built-in 450Ω(typ) output discharge resistor
6kV HBM ESD Protection
2ms(typical) soft start time
Green package: SOT23-6 and DFN2*2-6 is pin
compatible
Application
USB Ports & USB Hubs
Digital TV and
Set-Top Boxes
VOIP Phones
Short-Circuit Protections
Descriptions
The DIO7552B/7553B is power distribution
switches that intended for applications where
precision current limiting is required or heavy
capacitive loads and short circuits are
encountered and provide up to 2.31A of
continuous load current.
A programmable current-limit threshold is offered
between 400mA and 2.57A (typ) via an external
resistor. Current-limit accuracy is ±10% @1A. The
power-switch rise and fall times are controlled to
minimize current surges during turn on/off. A
constant-current mode is used when the output
load exceeds the current-limit threshold.
The DIO7552B/7553B limits the output current to a
safe level by using a constant-current mode when
the output load exceeds the current-limit
threshold. An internal reverse voltage comparator
disables the power switch when the output
voltage is driven higher than the input to protect
devices on the input side.




Similar Part No. - DIO7552BST6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO75530 DIOO-DIO75530 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
DIO75530HCD6 DIOO-DIO75530HCD6 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
DIO75530HST6 DIOO-DIO75530HST6 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
DIO75530LCD6 DIOO-DIO75530LCD6 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
DIO75530LST6 DIOO-DIO75530LST6 Datasheet
1Mb / 15P
Precision Adjustable Current-Limited Power Distribution Switches
Version 1.3, Aug 2025
More results


Similar Description - DIO7552BST6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
Precision Adjustable Current-Limited Power-Distribution Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com