Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7527DST5 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7527DST5
Description  5.5V Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7527DST5 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7527DST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DIO7527
www.dioo.com
© 2017 DIOO MICROCIRCUITS CO., LTD
DIO7527• Rev.1.0
Ordering Information
Order Part
Number
Top
Marking
Enable
Output Shutdown
Resistor
TA
Package
DIO7527AST5
YW7A
Active High
Yes
-40 to +85°C
SOT23-5
Tape & Reel, 3000
DIO7527BST5
YW7B
Active Low
Yes
-40 to +85°C
SOT23-5
Tape & Reel, 3000
DIO7527CST5
YW7C
Active High
No
-40 to +85°C
SOT23-5
Tape & Reel, 3000
DIO7527DST5
YW7D
Active Low
No
-40 to +85°C
SOT23-5
Tape & Reel, 3000
DIO7527AST6
YW7A
Active High
Yes
-40 to +85°C
SOT23-6
Tape & Reel, 3000
DIO7527BST6
YW7B
Active Low
Yes
-40 to +85°C
SOT23-6
Tape & Reel, 3000
DIO7527CST6
YW7C
Active High
No
-40 to +85°C
SOT23-6
Tape & Reel, 3000
DIO7527DST6
YW7D
Active Low
No
-40 to +85°C
SOT23-6
Tape & Reel, 3000
DIO7527AMP8
D27A
Active High
Yes
-40 to +85°C
MSOP-8
Tape & Reel, 3000
DIO7527BMP8
D27B
Active Low
Yes
-40 to +85°C
MSOP-8
Tape & Reel, 3000
DIO7527CMP8
D27C
Active High
No
-40 to +85°C
MSOP-8
Tape & Reel, 3000
DIO7527DMP8
D27D
Active Low
No
-40 to +85°C
MSOP-8
Tape & Reel, 3000
DIO7527AXM8
D27A
Active High
Yes
-40 to +85°C
EP-MSOP-8
Tape & Reel, 3000
DIO7527BXM8
D27B
Active Low
Yes
-40 to +85°C
EP-MSOP-8
Tape & Reel, 3000
DIO7527CXM8
D27C
Active High
No
-40 to +85°C
EP-MSOP-8
Tape & Reel, 3000
DIO7527DXM8
D27D
Active Low
No
-40 to +85°C
EP-MSOP-8
Tape & Reel, 3000
Pin Assignment
1
2
3
6
5
4
OUT
GND
FLAG
IN
SET
EN(EN)
SOT23-6
1
2
3
8
7
6
IN
IN
OUT
OUT
FLAG
MSOP-8
4
5
GND
SET
EN(EN)
1
2
3
8
7
6
IN
IN
OUT
OUT
FLAG
EP-MSOP-8
4
5
GND
SET
EN(EN)
Thermal
PAD
Figure 1 Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com