Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7527DST5 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7527DST5
Description  5.5V Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7527DST5 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7527DST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7527DST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DIO7527
www.dioo.com
© 2017 DIOO MICROCIRCUITS CO., LTD
DIO7527• Rev.1.0
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods may affect device reliability.
Parameter
Rating
Unit
Terminal Voltage(With respect to
GND)
VIN
-0.3 to 6.0
V
Other Inputs
-0.3 to 6.0
Fault Flag Voltage
VFLG
-0.3 to 6.0
V
Fault Flag Current
IFLG
50
mA
Package Thermal Resistance
SOT23-6
190
°C/W
EP-MSOP-8
100
°C/W
Maximum Junction Temperature
150
°C
Operating Temperature/TA
-40 to 85
°C
Storage Temperature/TSTO
-65 to 150
°C
Lead Temperature Rating
300
°C
ESD Susceptibility
HBM (Human Body Mode)
6
KV
MM (Machine Mode)
200
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding them
or designing to Absolute Maximum Ratings.
Parameter
Rating
Unit
IN
2.7-5.5
V
All other pins
0-5.5
V
Junction Temperature Range
-40 to 125
°C
Ambient Temperature Range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com