Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7758 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7758
Description  300 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7758 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7758 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7758 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIO7758
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO7758• Rev. 1.6
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Parameter
Rating
Unit
Input Voltage VIN
-0.3 to 6.5
V
Output Voltage VOUT
-0.3 to VIN
V
Chip Enable Input VEN
-0.3 to VIN
V
Output Current IOUT
300
mA
Lead Temperature Range
260
°C
Operating Junction Temperature TJ(MAX)
150
°C
Storage Temperature TSTG
-55 to 150
°C
MSL
Level-3
Thermal Resistance
250
°C/W
ESD
HBM
8000
V
MM
300
Recommend Operating Ratings
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding them
or designing to absolute maximum ratings.
Parameter
Rating
Unit
Operating Supply voltage
1.6~5.5
V
Operating Temperature Range
-40~125
°C
Thermal Resistance, RθJA
250
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com