Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7758 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7758 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO7758
Download  DIO7758 Download
File Size   1349.1 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 300 mA, Ultra-Low-Noise, Low-IQ LDO

DIO7758 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO7758 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO7758
Download  DIO7758 Click to download

File Size   1349.1 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 300 mA, Ultra-Low-Noise, Low-IQ LDO

DIO7758 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7758 Product details

Features
Operating input voltage range: 1.6 V to 5.5 V
Output voltage range: 0.8 V to 3.3 V
Output current: 300 mA
Ultra-Low quiescent current: Typ. 25 μA
Dropout voltage : 140mV at IOUT=300 mA
PSRR: 75dB at 1 kHz, IOUT = 20 mA
Output voltage Tolerance: ±1%
Stable with ceramic capacitors 1 μF
Thermal-overload protection
Short-circuit protection
DIO7758A for active discharge option
Available in small DFN2*2-6 package
These devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant
Applications
MP3/MP4 Players
Cellphones, Radiophone, Digital Cameras
Bluetooth, Wireless Handsets
Others portable electronics device
Descriptions
The DIO7758 series is a high-accuracy, low-noise, high-speed, high-PSRR, and low-dropout CMOS Linear regulator with high ripple rejection. The devices offer a new level of cost-effective performance in cellular phones, laptop and notebook computers, and other portable devices.
The DIO7758 has the fold-back maximum output current which depends on the output voltage. So the current limit functions both as short circuit protection and as an output current limiter.
The device is available in the DFN2*2-6 package.




Similar Part No. - DIO7758

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO7708 DIOO-DIO7708 Datasheet
1Mb / 14P
300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
Rev 2.4
DIO7708A120ST5 DIOO-DIO7708A120ST5 Datasheet
1Mb / 14P
300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
Rev 2.4
DIO7708A120TST5 DIOO-DIO7708A120TST5 Datasheet
1Mb / 14P
300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
Rev 2.4
DIO7708A150ST5 DIOO-DIO7708A150ST5 Datasheet
1Mb / 14P
300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
Rev 2.4
DIO7708A150TST5 DIOO-DIO7708A150TST5 Datasheet
1Mb / 14P
300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
Rev 2.4
More results


Similar Description - DIO7758

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20 Datasheet
450Kb / 24P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com