Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7708 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO7708 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO7708
Download  DIO7708 Download
File Size   1431.93 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator

DIO7708 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO7708 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO7708
Download  DIO7708 Click to download

File Size   1431.93 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator

DIO7708 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO7708 Product details

Features
Operating input voltage range: 2.75 V to 30 V
Fixed voltage options available: 1.2 V to 5 V
(upon request)
Adjustable voltage option from 1.2 V to 5 V
Ultra−low quiescent current: 4 μA (typ.)
overtemperature
PSRR: 60 dB at 1 kHz
Stable with small 1 μF ceramic capacitor
Soft−start to reduce inrush current and
overshoots
Thermal shutdown and current limit
protection
Active discharge option available
(upon request)
Available in TSOT23-5, SOT23-5 and
DFN 2*2-6 packages
These devices are Pb−free, halogen
free/BFR free and are RoHS compliant
Descriptions
The DIO7708 is a 300 mA LDO linear voltage
regulator. It is a very stable and accurate device
with an ultra−low quiescent current consumption
(typ. 4 μA over the full temperature range) and a
wide input voltage range (up to 30 V). The
regulator incorporates several protection features
such as thermal shutdown and current limiting.
Applications
Wireless chargers
Portable equipment
Communication systems




Similar Part No. - DIO7708

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO7708X390 DIOO-DIO7708X390 Datasheet
1,010Kb / 8P
300 mA Low Iq , Wide Input Voltage Low Dropout Regulator
Rev 1.0
DIO7708X390ST5 DIOO-DIO7708X390ST5 Datasheet
1,010Kb / 8P
300 mA Low Iq , Wide Input Voltage Low Dropout Regulator
Rev 1.0
DIO7708X390TC3 DIOO-DIO7708X390TC3 Datasheet
1,010Kb / 8P
300 mA Low Iq , Wide Input Voltage Low Dropout Regulator
Rev 1.0
DIO7708X400 DIOO-DIO7708X400 Datasheet
1,010Kb / 8P
300 mA Low Iq , Wide Input Voltage Low Dropout Regulator
Rev 1.0
DIO7708X400ST5 DIOO-DIO7708X400ST5 Datasheet
1,010Kb / 8P
300 mA Low Iq , Wide Input Voltage Low Dropout Regulator
Rev 1.0
More results


Similar Description - DIO7708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCP154 ONSEMI-NCP154_15 Datasheet
584Kb / 18P
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154_16 Datasheet
871Kb / 18P
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
June, 2016 ??Rev. 6
logo
Texas Instruments
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com