Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7708 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7708
Description  300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7708 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7708 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DIO7708
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7708• Rev. 2.4
Pin Assignment
Figure 3. Top view
Pin Descriptions
Name
Description
IN
Input pin. A small capacitor is needed from this pin to ground to assure stability.
GND
Power supply ground
EN
Enable pin. Driving this pin high turns on the regulator. Driving EN pin low puts the regulator into shutdown
mode.
NC/ADJ
Fixed version: No connection. This pin can be tied to ground to improve thermal dissipation or left
disconnected.
Adjustable version: Feedback pin for set−up output voltage. Use resistor divider for voltage selection.
OUT
Regulated output voltage pin. A small 1 µF ceramic capacitor is needed from this pin to ground to assure
stability.
NC
No connection. This pin can be tied to ground to improve thermal dissipation or left disconnected.
Thermal pad
(GND)
Internally connect to GND. Recommend to connect to a large ground plane for the improved thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com