Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7708 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7708
Description  300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7708 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7708 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DIO7708
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7708• Rev. 2.4
Electrical Characteristics
-40°C ≤ TJ ≤ 125°C; VIN = 2.75 V or (VOUT + 1.0 V), whichever is greater; IOUT = 1 mA, CIN = COUT = 1 µF, unless otherwise noted.
Typical values are at TJ = 25°C.(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Operating input voltage
2.75
30
V
VOUT
Output voltage accuracy
(fixed versions)
−40°C ≤ TJ ≤ 125°C
VOUT + 1 V < VIN < 24 V
0.1 mA < IOUT < 300 mA (3)
VOUT < 1.8 V
−3%
3%
V
VOUT ≥ 1.8 V
−2%
2%
VADJ
Reference voltage
−40°C ≤ TJ ≤ 125°C
VOUT + 1 V < VIN < 24 V
1.2
V
VOUT
Reference voltage
accuracy
−40°C ≤ TJ ≤ 125°C
VOUT + 1 V < VIN < 24 V
−2%
2%
V
RegLINE
Line regulation
VOUT + 1 V ≤ VIN ≤ 24 V, IOUT = 1 mA
10
mV
RegLOAD
Load regulation
IOUT = 0.1 mA to 300 mA
10
mV
VDO
Dropout voltage
VDO = VIN – (VOUT(NOM) – 3%)
IOUT = 150 mA (2)
2.1 V ~ 2.4 V
480
mV
2.5 V ~ 2.7 V
300
2.8 V ~ 3.2 V
280
3.3 V ~ 4.9 V
260
5 V
240
VDO = VIN – (VOUT(NOM) – 2%), IOUT = 1 mA
5
mV
ILIM
Output current limit
VIN = VOUT + 1 V
300
800
mA
IDIS
Disable current
VEN = 0 V
0.3
1.0
μA
IQ
Quiescent current
IOUT = 0 mA
4.0
8.0
μA
IGND
Ground current
IOUT = 10 mA
50
μA
IOUT = 300 mA
300
PSRR
Power supply rejection
ratio
VIN = 3.5 V + 100 mVpp
VOUT = 2.5 V
IOUT = 1 mA, COUT = 1 µF
f = 1 kHz
60
dB
VEN_HI
Enable input threshold
voltage
Voltage increasing
1.2
V
VEN_LO
Voltage decreasing
0.4
IADJ
ADJ pin current
VIN = VOUT + 1 V
0.1
1.0
μA
IEN
EN pin current
VEN = 5.5 V
100
nA
RDIS
Active output discharge
resistance
VIN = 5.5 V, VEN = 0 V
100
Ω
TSD
Thermal shutdown
temperature (3)
Temperature increasing from TJ = 25°C
150
°C
TSDH
Thermal shutdown
hysteresis (3)
Temperature falling from TSD
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com