Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7708 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7708
Description  300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7708 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7708 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DIO7708
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7708• Rev. 2.4
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Symbol
Parameter
Rating
Unit
VIN
Input voltage (1)
-0.3 to 33
V
VEN
Enable voltage
-0.3 to VIN + 0.3
V
VOUT
Output voltage
-0.3 to VIN + 0.3 (max. 6)
V
TJ(MAX)
Maximum junction temperature
150
°C
TSTG
Storage temperature
-55 to 150
°C
HBM
ESD capability, human body model
±2000
V
Note:
(1) Refer to Electrical Characteristics and Application Information for safe operating area.
Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. The ratings are
obtained over an operating free-air temperature range unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
2.75 to 30
V
TA
Operating free-air temperature
-40 to 105
ºC
Thermal Information
Symbol
Thermal Metric
Value
Unit
RθJA
Junction-to-ambient thermal resistance (SOT23-5)
275
°C/W
RθJA
Junction-to-ambient thermal resistance (TSOT23-5)
240
°C/W
RθJA
Junction-to-ambient thermal resistance (DFN2*2-6)
72.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com