Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO7708 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7708
Description  300 mA, Low IQ, Wide Input Voltage Low Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7708 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7708 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7708 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DIO7708
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7708• Rev. 2.4
Ordering Information
Order Part
Number
Voltage
Option
Top
Marking
Option
MSL RoHS
TA
Package
DIO7708AADJTST5
Adj.
YWAA
With active
output
discharge
3
Green
-40 to
105°C
TSOT23-5
Tape & Reel,
3000
DIO7708A120TST5
1.2 V
YWAB
3
DIO7708A150TST5
1.5 V
YWAC
3
DIO7708A180TST5
1.8 V
YWAD
3
DIO7708A250TST5
2.5 V
YWAE
3
DIO7708A280TST5
2.8 V
YWAJ
3
DIO7708A300TST5
3.0 V
YWAF
3
DIO7708A330TST5
3.3 V
YWAG
3
DIO7708BADJTST5
Adj.
YWBA
Without active
output
discharge
3
DIO7708B180TST5
1.8 V
YWBB
3
DIO7708B280TST5
2.8 V
YWBJ
3
DIO7708AADJST5
Adj.
YWAA
With active
output
discharge
3
Green
-40 to
105°C
SOT23-5
Tape & Reel,
3000
DIO7708A120ST5
1.2 V
YWAB
3
DIO7708A150ST5
1.5 V
YWAC
3
DIO7708A180ST5
1.8 V
YWAD
3
DIO7708A250ST5
2.5 V
YWAE
3
DIO7708A280ST5
2.8 V
YWAJ
3
DIO7708A300ST5
3.0 V
YWAF
3
DIO7708A330ST5
3.3 V
YWAG
3
DIO7708BADJST5
Adj.
YWBA
Without active
output
discharge
3
DIO7708B180ST5
1.8 V
YWBB
3
DIO7708B280ST5
2.8 V
YWBJ
3
DIO7708AADJCD6
Adj.
78AA
With active
output
discharge
3
Green
-40 to
105°C
DFN2*2-6
Tape & Reel,
3000
DIO7708A280CD6
2.8 V
78AJ
3
DIO7708A330CD6
3.3 V
78AG
3
DIO7708A360CD6
3.6 V
78AH
3
DIO7708BADJCD6
Adj.
78BA
Without active
output
discharge
3
DIO7708B280CD6
2.8 V
78BJ
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com