Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG700DPU11-4F-R Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG700DPU11-4F-R
Description  694-960 MHz, Omnidirectional Antenna, 11 dBi gain, 2-14 Degree RET, 2 x 4.3-10 Female Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG700DPU11-4F-R Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG700DPU11-4F-R Datasheet HTML 1Page - Infinite Electronics International, Inc. HG700DPU11-4F-R Datasheet HTML 2Page - Infinite Electronics International, Inc. HG700DPU11-4F-R Datasheet HTML 3Page - Infinite Electronics International, Inc. HG700DPU11-4F-R Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
HG700DPU11-4F-R REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
694-960 MHz, Omnidirectional Antenna, 11 dBi gain,
2-14 Degree RET, 2 x 4.3-10 Female Connector
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
694-960 MHz, Omnidirectional Antenna, 11 dBi gain, 2-14 Degree RET, 2 x 4.3-10 Female Connector HG700DPU11-4F-R
Features
• 2-14° Remote Electrical Tilt (RET) using AISG 2.0
• Internal RET
• 694-960 MHz
• Omnidirectional
• 11 dBi gain
• Fiberglass radome for easy and rugged installation
• Rooftop Mount
• 2 x 4.3-10 Female Connectors for Low Passive Intermodulation
(PIM)
• <-150 dBc PIM at 2x20W tones
Applications
• Public Safety
• Wireless Data / cellular networks
• 700, 800, 850 MHz Bands
Description
The L-com HG700DPU11-4F-R is a RET Omni antenna with 45 deg. slant and 694 to 960 MHz frequency range with two low PIM
4.3-10 female connectors. Remote Electrical Tilt (RET) antennas allow for the remote adjustment of its tilt angle. This feature optimizes
signal strength and coverage, improving network performance and user experience. Communication networks that require continuous
optimization to adjust antenna beams to changing traffic patterns and environmental conditions will benefit from the remote AISG con-
troller ready capabilities of the HG700DPU11-4F-R RET antenna.
L-com’s HG700DPU11-4F-R operates from 694 to 960 MHz with 11 dBi gain. This Omnidirectional antenna has a maximum input
VSWR of 1.5:1 and a maximum input power of 250 watts.
Whether using a handheld controller or a base station radio with integrated AISG controller, the HG700DPU11-4F-R remote man-
agement capabilities make it easy to adjust the electrical tilt angle. Its durable fiberglass construction enables it to withstand harsh
environments, making it suitable for use in various communication applications. The HG700DPU11-4F-R RET antenna has a Passive
Intermodulation rating of -150 dBc, which results in reduced interference, more reliable communication, and increased operational
efficiency.
L-com has one of the largest in-stock collections of Omni directional antennas with our wide selection of superior quality RF parts, that
ship same day. Make your online purchase right now to take advantage of our same-day shipping. For further information on similar
products, our expert technical support and knowledgeable sales team can help you get the ideal multi band Omni antenna as per your
requirement.
Configuration
Design
Omni
Band Type
Multi
Radiation Pattern
Omni Directional
Polarization
45 Deg. Slant
Connector Type
4.3-10 Female
Number of Ports
2
Lightning Protection
DC Grounded
HG700DPU11-4F-R


Similar Part No. - HG700DPU11-4F-R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG706U-PRO L-COM-HG706U-PRO Datasheet
310Kb / 3P
698-960 MHz 6 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/17/2021
HG708U-PRO L-COM-HG708U-PRO Datasheet
310Kb / 3P
698-960 MHz 8 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/17/2021
More results

Similar Description - HG700DPU11-4F-R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51034 PASTERNACK-PE51034 Datasheet
117Kb / 1P
Vertical Omni Antenna 3500 MHz, 11 dBi
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51055 PASTERNACK-PE51055 Datasheet
62Kb / 1P
Duck/Whip Antenna 900-960 MHz, 3 dBi
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com