Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG700DPU11-4F-R Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG700DPU11-4F-R
Description  694-960 MHz, Omnidirectional Antenna, 11 dBi gain, 2-14 Degree RET, 2 x 4.3-10 Female Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG700DPU11-4F-R Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG700DPU11-4F-R Datasheet HTML 1Page - Infinite Electronics International, Inc. HG700DPU11-4F-R Datasheet HTML 2Page - Infinite Electronics International, Inc. HG700DPU11-4F-R Datasheet HTML 3Page - Infinite Electronics International, Inc. HG700DPU11-4F-R Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
HG700DPU11-4F-R REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
694-960 MHz, Omnidirectional Antenna, 11 dBi gain,
2-14 Degree RET, 2 x 4.3-10 Female Connector
HG700DPU11-4F-R
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
694
960
MHz
Input VSWR
1.5:1
Impedance
50
Ohms
Gain
11
dBi
Input Power
250
Watts
Passive Intermodulation
-150
dBc
Intermodulation IM3 (2×43dBm carrier)
Downtilt
2
14
Degrees
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
0.694 to 0.79
0.79 to 0.89
0.89 to 0.96
GHz
Gain
10.4
11
11.4
dBi
Horizontal HPBW
360
360
360
Degrees
Vertical HPBW
9.5
8.7
8.1
Degrees
Port to Port Isolation
25
25
25
dB
.
e
Mechanical Specifications
Radome Material
Fiberglass
Size
Length
90.55118 in [230 cm]
Width
14.9606 in [380 mm]
Height
14.9606 in [380 mm]
Mounting Mast Diameter
1.97 to 4.53 in [50.04 to 115.06 mm]
Weight
115 lbs [52.16 kg]
Environmental Specifications
Temperature
Operating Range
-50 to +65 deg C
Wind Survivability
134.22 MPH [216.01 KPH]
Wind Loading
154 lbf (683 N) @ 93 mph (150 km/h)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com