Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2473 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # C2473
Description  RDFC Controllers for Offline Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2473 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button C2473 Datasheet HTML 5Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 6Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 7Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 8Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 9Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 10Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 11Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 12Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
C2472, C2473 and C2474
Datasheet
RDFC Controllers for Offline Applications
Product data
Page 9 of 18
DS-1423-0709C
© Cambridge Semiconductor Ltd 2007
26-Sep-2007
Optimised Base Drive
To minimize losses in the primary switching transistor (Q1) its base current is carefully controlled. To
minimize turn-on losses, the base current is initially forced to a maximum value IBASMAX for a time TFON (the
force-on or “FON” pulse). For the remainder of the on-time the base current is reduced to a lower value such
that the on-state collector voltage is maintained at a preset target voltage, thereby minimizing turn-off time
and consequent losses. During this period, TPBD, the so called “proportional base drive” (PBD) current is
referred to as IBASPBD.
Figure 7: Primary Switch (Q1) Base Drive
The BAS pin (see Figure 7) is driven by two transistors, Qon and Qoff. Qon provides I BASMAX during TFON and
IBASPBD during the remainder of the on-period. Transistor Qoff provides a low-resistance (RBASCLAMP) path to
GND during the off-period to ensure rapid turn-off of the primary switch, Q1. IBASPBD is set by the PBD system
within the controller but IBASMAX is determined by the external resistor Raux and the Aux Supply voltage.
Figure 8: Base Driver Current Waveforms
IBAS
VCE
TFON
TPBD
IBASMAX
AUX
BAS
0V
Q1
Raux
GND
Qon
Qoff
FON
PBD
Aux Supply
Bypass transistor
TPBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com