Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2473 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C2473
Description  RDFC Controllers for Offline Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C2473 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C2473 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 4Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 5Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 6Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 7Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 8Page - List of Unclassifed Manufacturers C2473 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
C2472, C2473 and C24 74 Datasheet
RDFC Controllers for Offline Applications
Product data
Page 1 of 18
DS-1423-0709C
© Cambridge Semiconductor Ltd 2007
26-Sep-2007
ADVANTAGES
Low system component count
High average efficiency
Low standby power consumption
EMI compliance without extra components
High isolation & surge voltage withstand
High power density in very small size
FEATURES
Highly integrated CMOS controller IC
Low cost package options
Drive suitable for low cost bipolar power transistors
Resonant switching for high efficiency and low EMI
Frequency optimised for power circuit parasitics
Protection against overload, over-temperature and under-voltage
APPLICATIONS
External AC/DC charger/adaptor (single voltage input) e.g. cordless phones, portable electric tools.
Embedded PSU (single voltage input) e.g. set-top boxes, DVD players, audio products, domestic appliances.
OVERVIEW
The C2472, C2473 and C2474 controllers use CamSemi’s Resonant Discontinuous Forward Converter
(RDFC) topology to create a high efficiency, low cost alternative to line-frequency transformer PSUs. By
operating in resonant mode, EMI is greatly reduced, enabling the replacement of linear PSUs in demanding
applications such as audio products and cordless phone chargers. The C2472, C2473 and C2474 controllers
also offer overload protection which is usually associated with more expensive switch mode solutions.
Resonance
sensing
Vdd
regulator
Switch
saturation
sensing
Current
sensing
RDFC
Control
Vdd
VDD
COL
CS
GND
BAS
AUX
Base
drive
Figure 1: Block Diagram of the C2472, C2473 and C2474 Controller ICs
C2474PW1
PDIP-8
C2472PX2
SOT23-6
C2473PX1
SOP-8


Similar Part No. - C2473

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2473A GENERAL-C2473A Datasheet
74Kb / 1P
COMMUNICATION CABLE
More results

Similar Description - C2473

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
List of Unclassifed Man...
C2471 ETC2-C2471 Datasheet
655Kb / 18P
RDFC Controllers for Offline Applications up to 6 W
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A_10 Datasheet
209Kb / 16P
Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
logo
Fairchild Semiconductor
FAN501A FAIRCHILD-FAN501A Datasheet
1Mb / 16P
Offline DCM / CCM Flyback PWM Controller for Charger Applications
logo
Monolithic Power System...
MP103 MPS-MP103 Datasheet
711Kb / 20P
Higher Power Offline Inductor-Less Regulator For Low Power Applications
logo
Pentair plc. All rights...
764 PENTAIR-764 Datasheet
240Kb / 2P
EASY-TO-PROGRAM CONTROLLERS FOR FILTERS AND SOFTENER APPLICATIONS
logo
Monolithic Power System...
MP100 MPS-MP100 Datasheet
443Kb / 16P
Offline Inductor-less Regulator For Low Power Applications
logo
Pulse A Technitrol Comp...
PH0256NL PULSE-PH0256NL Datasheet
621Kb / 4P
Switch Mode Transformer for AC/DC offline Applications
logo
Renesas Technology Corp
IW1702 RENESAS-IW1702 Datasheet
590Kb / 8P
Offline Digital Quasi-Resonant PWM Controller Optimized for 9V Applications with Option for Input OVP
10-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com