Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2507 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2507 Datasheet HTML 1Page - National Semiconductor (TI) LM2507 Datasheet HTML 2Page - National Semiconductor (TI) LM2507 Datasheet HTML 3Page - National Semiconductor (TI) LM2507 Datasheet HTML 4Page - National Semiconductor (TI) LM2507 Datasheet HTML 5Page - National Semiconductor (TI) LM2507 Datasheet HTML 6Page - National Semiconductor (TI) LM2507 Datasheet HTML 7Page - National Semiconductor (TI) LM2507 Datasheet HTML 8Page - National Semiconductor (TI) LM2507 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM2507
Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU
Display interface Serializer and Deserializer
General Description
The LM2507 device adapts i80 CPU style display interfaces
to the Mobile Pixel Link (MPL) Level zero serial link. When
using smart CPU type interfaces, two chip selects support a
main and sub display. A mode pin configures the device as a
Master (MST) or Slave (SLV) so the same chip can be used
on both sides of the interface.
The interconnect is reduced from 21 signals to only 3 active
signals with the LM2507 chipset easing flex interconnect
design, size constraints and cost.
The LM2507 in MST mode resides beside an application,
graphics or baseband processor and translates a parallel
bus from LVCMOS levels to serial Mobile Pixel Link levels for
transmission over a flex cable (or coax) and PCB traces to
the SLV located near the display module(s).
When the Power_Down (PD*) input is asserted on the Mas-
ter, the MDn and MC line drivers are powered down to save
current. The Slave is controlled by a separate Power_Down
input.
The LM2507 implements the physical layer of the MPL Level
0 Standard (MPL-0) and a 150 µA I
B current (Class 0).
Features
n
CPU Display Interface support up to
800 x 300 1⁄2SVGA formats
n
Dual displays supported – CS1* & CS2*
n
MPL-Level 0 Physical Layer using two data and one
clock signal
n
Low Power Consumption
n
Pinout mirroring enables straight through layout with
minimal vias
n
Level translation between host and display
n
Link power down mode reduces quiescent power
under < 10 µA
n
1.74V to 2.0V core / analog supply voltage range
n
1.74V to 3.0V I/O supply voltage range
System Benefits
n
Small Interface
n
Low Power
n
Low EMI
n
Intrinsic Level Translation
Typical Application Diagram - CPU Mode
20186001
August 2006
© 2006 National Semiconductor Corporation
DS201860
www.national.com


Similar Part No. - LM2507

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM250 STMICROELECTRONICS-LM250 Datasheet
103Kb / 7P
THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25005 TI-LM25005 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
LM25005 TI2-LM25005 Datasheet
616Kb / 30P
LM25005 42V, 2.5A Step-Down Switching Regulator
REVISED MARCH 2013
More results

Similar Description - LM2507

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
Mobile Pixel Link RGB Display Interface Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com