Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7VC14 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT7VC14
Description  a range of cost competitive VCXOs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT7VC14 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT7VC14 Datasheet HTML 1Page - Advanced Crystal Technology ACT7VC14 Datasheet HTML 2Page - Advanced Crystal Technology ACT7VC14 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TABLE ONE - PULLING RANGE & TEMPERATURE FREQUENCY STABILITY ( TFC)
TABLE TWO - OUTPUT WAVEFORM AND LOAD CHARACTERISTICS
Issue : 1 S8
Date : 08/11/04
email :
info@actcrystals.com
Fax :
0044 (0)118 979 1283
Tel :
0044 (0)118 979 1238
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
ACT7VC14 - VCXO
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Temperature
Pull Range
TFC
Temperature
Pull Range
TFC
0 - +70
°C
±100PPM Min.
± 5PPM
0 - +70
°C
±250PPM Min.
±30PPM
0 - +70
°C
±100PPM Min.
±10PPM
-20 - +70
°C
±100PPM Min.
±10PPM
0 - +70°C
±100PPM Min.
±20PPM
-20 - +70°C
±100PPM Min.
±20PPM
0 - +70°C
±100PPM Min.
±30PPM
-20 - +70°C
±100PPM Min.
±30PPM
0 - +70°C
±150PPM Min.
± 5PPM
-20 - +70°C
±150PPM Min.
±10PPM
0 - +70°C
±150PPM Min.
±10PPM
-20 - +70°C
±150PPM Min.
±20PPM
0 - +70°C
±150PPM Min.
±20PPM
-20 - +70°C
±150PPM Min.
±30PPM
0 - +70
°C
±150PPM Min.
±30PPM
-20 - +70
°C
±200PPM Min.
±20PPM
0 - +70
°C
±200PPM Min.
±10PPM
-20 - +70
°C
±200PPM Min.
±30PPM
0 - +70
°C
±200PPM Min.
±20PPM
-20 - +70
°C
±200PPM Min.
±40PPM
0 - +70
°C
±200PPM Min.
±30PPM
-20 - +70
°C
±250PPM Min.
±20PPM
0 - +70
°C
±250PPM Min.
±10PPM
-20 - +70
°C
±250PPM Min.
±30PPM
0 - +70°C
±250PPM Min.
±20PPM
-20 - +70°C
±250PPM Min.
±40PPM
Output
Waveform
Frequency
Range
Oscillation
State
Output Characteristics
Clipped Sine
Wave
8MHz -
40MHz
40MHz – 160MHz
F
: Fundamental
O: Overtone
Load: 10kΩ /10pF
Output level: >1Vp-p
TTL
1MHz -
40MHz
40MHz – 160MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL gates
“1” level: >+2.4VDC; “0” level: <+0.2VDC
Duty cycle: 45/55
Rise/fall time: <6ns
HCMOS
1MHz -
40MHz
40MHz – 160MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL/HCMOS
“1” level: >+4.5VDC; “0” level: <+0.5VDC
Duty cycle: 45/55
Rise/fall time: <6ns
ACMOS
1MHz -
40MHz
40MHz - 160MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL/ACMOS
“1” level: >+4.5VDC; “0” level: <+0.5VDC
Duty cycle: 45/55
Rise/fall time: <6ns
Sine Wave
8MHz -
40MHz
40MHz – 160MHz
F: Fundamental
O: Overtone
Load: Nominal value 50Ω
Output level: >2dBm
Harmonic Attenuation: <-25dB
Noise Attenuation: <-75dB
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com