Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7VC14 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT7VC14
Description  a range of cost competitive VCXOs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT7VC14 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT7VC14 Datasheet HTML 1Page - Advanced Crystal Technology ACT7VC14 Datasheet HTML 2Page - Advanced Crystal Technology ACT7VC14 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Start up time
5ms typical, 10ms max
See table two
See table one
Centre Frequency
+2.5VDC ±.25VDC
Input impedance
50K
Ω min
Modulation bandwidth
<15kHz
Issue :
1 S8
Date :
08/11/04
ISO9001:2000 Registered
For quotations or further information please contact us at:
See table one
<90MHz
40mA max
<125MHz 60mA max
<160MHz 80mA max
( Square Wave )
Please specify
Linearity
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT7VC14 - VCXO
The ACT7VC14 family is a range of cost competitive VCXOs housed in A 14 pin
through hole package. It offers good reliability at a low cost across a wide range of
frequencies. The devices can be tuned between ±100ppm & ±250ppm by varying
the voltage on pin one.. Applications include Communications, Instrumentation PL
circuits, Consumer applications and many more. In addition to standard
specifications it is also possible to supply some "custom" specifications ( Please
enquire ).
Output waveform
0.5VDC ± 4.5V
10% max
Vc
<50MHz
25mA max
3.3VDC ±5% or 5.0VDC±5%
±5ppm 1st year ( Then 1ppm p/yr typical, thereafter
Slope polarity
±100 ppm min ~ ±250ppm
Positive or negative
Aging
Supply Voltage
Supply Current
Topr
Tstg
Please specify
Specification
Frequency Range
Parameter
Symbol
Specification
1.00 ~ 160.0 MHz
fo
Frequency Stability
Temp Operating Range
Storage Temp Range
Condition
-40 ~ 100°C
Please specify
Please specify
-0° ~ +70°C & -20 ~70°C
±5ppm ~ ±40ppm
Idd
Vdd
Fa
Duty Cycle
Rise & Fall Time
Tw/t
Pulling capability
N/CL
Tr/Tf
Output Load
( Square Wave )
45/55%
<6ns
5 TTL 02 15 STTL 15pf max
Please specify
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
For package details / options, please see following pages.
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Supply Voltage, Polarity & Package Number / Tri-state
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ACMOS, HCMOS, TTL, Clipped sine & Sine
Control voltage range
1 of 3


Similar Part No. - ACT7VC14

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
logo
Aeroflex Circuit Techno...
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
ACT7005 AEROFLEX-ACT7005 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
ACT7006 AEROFLEX-ACT7006 Datasheet
452Kb / 29P
ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
logo
Concordia Technologies ...
ACT710X9.0 CONCORDIATECHNOLOGIES-ACT710X9.0 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
More results

Similar Description - ACT7VC14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K1536BLC ETC-K1536BLC Datasheet
22Kb / 1P
LOW COST SURFACE MOUNT VCXOS
logo
Sharp Corporation
GP1FAV50TK0F SHARP-GP1FAV50TK0F Datasheet
23Kb / 1P
Cost competitive, Popular type Optical Fiber Transmitter
logo
Advanced Crystal Techno...
ACT7A01 ACT-ACT7A01 Datasheet
94Kb / 1P
a range of cost competitive VCXOs
03/04/07
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACT533SMX-2 ACT-ACT533SMX-2 Datasheet
145Kb / 2P
high quality, cost competitive ceramic
05-10-05
logo
ECS, Inc.
ECS-VXO-73 ECS-ECS-VXO-73 Datasheet
234Kb / 1P
SMD VCXOS
logo
Advanced Crystal Techno...
ACT533SMX-2 ACT-ACT533SMX-2_12 Datasheet
126Kb / 3P
high quality, cost competitive ceramic
31-5-2012
ACT845SMX-2 ACT-ACT845SMX-2_10 Datasheet
345Kb / 3P
2 pad, cost competitive ceramic packaged, glass sealed crystal.
14/12/2010
logo
Taiwan Semiconductor Co...
TS19751 TSC-TS19751 Datasheet
251Kb / 7P
Competitive bill of material design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com