Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8MSV-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT8MSV-4
Description  4/6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT8MSV-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT8MSV-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT8MSV-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
0~70°C 3.3V 500KHz ~ 125MHz
0~70°C 5.0V 500KHz ~156MHz
-40~85°C 3.3V 500KHz ~ 90MHz
-40~85°C 5.0V 500KHz~140MHz
CMOS
CMOS(LN)
CMOS
CMOS(LN)
DIMENSIONS (mm)
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Operating Temperature Range, Supply Voltage & Symmetry
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
-40 to 85°C
ACT8MSV - 4/6
Specification
Specification
Parameter
Condition
The ACT8MSV-4 is a family of 4/6-pad surface mount Voltage Controlled Crystal Oscillators
(VCXO) housed in a11.4 x 9.6 mm package with a metal lid. These devices can be pulled between
±30ppm & ±200ppm from the nominal frequency by varying the voltage on pin 1(dependant on
VDD). A low noise (LN) version is available on request.
Applications include PLL circuits, Set Top Box, MP3 Players, Audio/Video modulations, Video
Game Consoles, HDTV and many more.
± 5ppm / year max
Frequency dependant
Please specify
10mS max ( 5mS typical)
TTL or HCMOS (LN HCMOS Only)
10TTL / 15~50pF HCMOS
0.3 ~3.0V Nominal fo 1.65±0.2V
0.5~4.5V Nominal fo 2.
±30 ~ ±150ppm
±80 ~ ±200ppm
2.97 V min
VDD-0.5 V Min
2.4 V min
VDD-0.5 V Min
TTL
0.4 V max
0.4 V max
0.33 V max
0.5 V max
0.4 V max
0.4 V max
Please specify
Please specify
Please specify
Low Noise (LN) version 3.3 &5.0V 10~170MHz
15 ~45mA
±25ppm ~ 100ppm ±25ppm not available on some versions.
0 to +70°C (std) & -40 ~ +85°C
Tr/Tf
VDD
fo
Δf/fo
Topr
Vc
Δfc
Tosc
Tstg
Iop
Tw/t
40/60%
5nS max 2nS typical (LN 3nS typical)
Supply Voltage
3.3VDC ±5%
5.0VDC ±5% max
N/CL
Frequency Range
Temp Operating Range
Storage Temp Range
Supply Current
Frequency Stability
Duty Cycle
Rise & Fall Time
Output Logic
Output Load
Output Voltage
Voltage Control
@25°C
Pulling Range
Start Up Time
Aging
Fa
VOL
VOH
TTL
2.4 V min
2.4 V Min
Linearity
10% max (6% typical)
Slope Polarity
Monotonic and Positive (negative available on request)
10 KHz min
Modulation Bandwidth(±3dB)
Input Impedance
10K
Ω @ 10KHz min
Jitter one sigma, (155.520MHz),5V
LN
20ps typical, 25ps max
25ps typical, 28ps max
Jitter one sigma, (155.520MHz),5V
Issue 1 M6
Date: 06/09/04
1 of 2


Similar Part No. - ACT8MSV-4

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT801 ACTIVE-SEMI-ACT801 Datasheet
186Kb / 4P
Active Direct Drive LED Driver
22-Oct-12
ACT801YK-T ACTIVE-SEMI-ACT801YK-T Datasheet
186Kb / 4P
Active Direct Drive LED Driver
22-Oct-12
logo
Concordia Technologies ...
ACT812X9.0 CONCORDIATECHNOLOGIES-ACT812X9.0 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
logo
Qorvo, Inc
ACT81460 QORVO-ACT81460 Datasheet
3Mb / 67P
Low Power PMIC With Integrated Linear Charger
Rev. C, January, 2022
More results

Similar Description - ACT8MSV-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT7CSV-6 ACT-ACT7CSV-6 Datasheet
253Kb / 3P
6-pad miniature SMD Voltage Controlled Crystal Oscillators (VCXO)
26/08/2005
ACT9CSV-6 ACT-ACT9CSV-6 Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9CSV ACT-ACT9CSV Datasheet
96Kb / 1P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9PSV-4 ACT-ACT9PSV-4 Datasheet
109Kb / 2P
4 & 6 pad miniature surface mount Voltage Controlled Crystal Oscillators
15/11/05
logo
Kyocera Kinseki Corpota...
KV5032C-C3 KSS-KV5032C-C3 Datasheet
120Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050B-C3 KSS-KV7050B-C3 Datasheet
131Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050R-P3 KSS-KV7050R-P3 Datasheet
125Kb / 1P
Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com