Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT81460 Datasheet (PDF) - Qorvo, Inc

ACT81460 Datasheet PDF - Qorvo, Inc
Part # ACT81460
Download  ACT81460 Download
File Size   3279.86 Kbytes
Page   67 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Low Power PMIC With Integrated Linear Charger

ACT81460 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT81460 Datasheet PDF - Qorvo, Inc

Part # ACT81460
Download  ACT81460 Click to download

File Size   3279.86 Kbytes
Page   67 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Low Power PMIC With Integrated Linear Charger

ACT81460 Datasheet (HTML) - Qorvo, Inc


ACT81460 Product details

BENEFITS and FEATURES
• Wide Input Voltage Range
• 4V to 5.5V Input with 20V Protection
• 2.7V to 4.5V Battery Range
• Complete Integrated Power Solution
• Two 0.4A DC/DC Step-Down (Buck) Regulators
• One 0.4A Buck-Boost Regulator
• Three 100mA LDOs
• Three 100mA Load Switches
• One High Voltage Boost – 20V
• 38mA Constant Current Sink LED Drive
• 0.8A Linear Charger
• Optimized Power for Portable Applications
• Active Power-Path Linear Charger (APLC)
• Multiple Sleep Modes
• Active-COT for Very Low Quiescent Current
• 6μA Quiescent Current with 6 regulators and 3 load switches running
• Space Savings
• Fully Integrated
• Maximum Fsw = 3MHz for small size
• Integrated Sequencing
• Easy System Level Design
• Configurable Sequencing
• Seamless Sequencing with External Supplies
• Programmable Reset and Power Good GPIOs
• Easy System Interface and Monitoring
• Four General Purpose I/O (4 X GPIOs)
• I2C Serial Interface
• Reset and Power Sequencing Control
• Interrupt Controller and fault monitoring
• Two configurable low power modes – SLEEP & DPSLP mode.
• Watchdog Supervision
• Hard/Soft Reset Functions
• Multi-function Push button (PB) interface.
• Highly Configurable
• uP interface for status and report and controllability
• Flexible Sequencing and Fault Thresholds
• Programmable GPIO Functions
• GPIO/LED Current Sinks
• Push Button Functionality (PB)
• Contact Qorvo for PWREN Mode Startup




Similar Part No. - ACT81460

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
ACT81460VM101-T ACTIVE-SEMI-ACT81460VM101-T Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
More results


Similar Description - ACT81460

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8671X MAXIM-MAX8671X Datasheet
796Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
logo
Eutech Microelectronics...
EUP8010X EUTECH-EUP8010X Datasheet
292Kb / 12P
Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
logo
Maxim Integrated Produc...
MAX8671X MAXIM-MAX8671X_08 Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
logo
Texas Instruments
TPS65720 TI1-TPS65720_15 Datasheet
2Mb / 66P
Integrated PMIC
TPS65720 TI1-TPS65720_16 Datasheet
2Mb / 66P
Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
Integrated PMIC
RT5028C RICHTEK-RT5028C_16 Datasheet
624Kb / 41P
Integrated PMIC
RT5028D RICHTEK-RT5028D Datasheet
637Kb / 41P
Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
Integrated PMIC
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com