Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT81460 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # ACT81460
Description  Low Power PMIC With Integrated Linear Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT81460 Datasheet(HTML) 4 Page - Qorvo, Inc

  ACT81460 Datasheet HTML 1Page - Qorvo, Inc ACT81460 Datasheet HTML 2Page - Qorvo, Inc ACT81460 Datasheet HTML 3Page - Qorvo, Inc ACT81460 Datasheet HTML 4Page - Qorvo, Inc ACT81460 Datasheet HTML 5Page - Qorvo, Inc ACT81460 Datasheet HTML 6Page - Qorvo, Inc ACT81460 Datasheet HTML 7Page - Qorvo, Inc ACT81460 Datasheet HTML 8Page - Qorvo, Inc ACT81460 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
ACT81460
Low Power PMIC With Integrated Linear Charger
Data Sheet Rev. C, January 2022 | Subject to change without notice
4 of 67
www.qorvo.com
®
ORDERING INFORMATION
PART NUMBER
VBUCK1
VBUCK2
VBUCK_BST
VBOOST
VLDO1
VLDO2
VLDO3
Buck_Bst Mode
ACT81460VM101-T
1.8V
1.2V
5.0V
12V (off)
3.2V
1.8V
1.2V
Buck-Bst / Boost
ACT81463VM103-T
2.8V
1.8V
3.2V
5V
1.8V
1.8V
1.8V
Buck-Bst / Boost
A CT814 60V Mxx x-T
CMI Option
Pin Count
Package Code
Product Number
Tape and Reel
Note 1: Standard product options are identified in this table. Contact factory for custom options, minimum order quantity required.
Note 2: All Qorvo components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means semiconductor
products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
Note 3: Package Code designator “V” represents CSP
Note 4: Pin Count designator “M” represents 49 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com