Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT81460 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT81460
Description  Low Power PMIC With Integrated Linear Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT81460 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT81460 Datasheet HTML 1Page - Qorvo, Inc ACT81460 Datasheet HTML 2Page - Qorvo, Inc ACT81460 Datasheet HTML 3Page - Qorvo, Inc ACT81460 Datasheet HTML 4Page - Qorvo, Inc ACT81460 Datasheet HTML 5Page - Qorvo, Inc ACT81460 Datasheet HTML 6Page - Qorvo, Inc ACT81460 Datasheet HTML 7Page - Qorvo, Inc ACT81460 Datasheet HTML 8Page - Qorvo, Inc ACT81460 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
ACT81460
Low Power PMIC With Integrated Linear Charger
Data Sheet Rev. C, January, 2022 | Subject to change without notice
1 of 67
www.qorvo.com
®
BENEFITS and FEATURES
• Wide Input Voltage Range
• 4V to 5.5V Input with 20V Protection
• 2.7V to 4.5V Battery Range
• Complete Integrated Power Solution
• Two 0.4A DC/DC Step-Down (Buck) Regulators
• One 0.4A Buck-Boost Regulator
• Three 100mA LDOs
• Three 100mA Load Switches
• One High Voltage Boost – 20V
• 38mA Constant Current Sink LED Drive
• 0.8A Linear Charger
• Optimized Power for Portable Applications
• Active Power-Path Linear Charger (APLC)
• Multiple Sleep Modes
• Active-COT for Very Low Quiescent Current
• 6µA Quiescent Current with 6 regulators and 3
load switches running
• Space Savings
• Fully Integrated
• Maximum Fsw = 3MHz for small size
• Integrated Sequencing
• Easy System Level Design
• Configurable Sequencing
• Seamless Sequencing with External Supplies
• Programmable Reset and Power Good GPIOs
• Easy System Interface and Monitoring
• Four General Purpose I/O (4 X GPIOs)
• I2C Serial Interface
• Reset and Power Sequencing Control
• Interrupt Controller and fault monitoring
• Two configurable low power modes – SLEEP &
DPSLP mode.
• Watchdog Supervision
• Hard/Soft Reset Functions
• Multi-function Push button (PB) interface.
• Highly Configurable
• uP interface for status and report and controllability
• Flexible Sequencing and Fault Thresholds
• Programmable GPIO Functions
• GPIO/LED Current Sinks
• Push Button Functionality (PB)
• Contact Qorvo for PWREN Mode Startup
APPLICATIONS
• Consumer or medical wearables.
• Battery operated personal devices.
• IOT Modules.
• Cameras & DVRs
GENERAL DESCRIPTION
The ACT81460
is
a
low
power
PMIC
(power
management integrated circuit) that is specifically
designed for battery operated systems and is suitable
for a variety of processor applications. It features very
low standby current that prolongs battery life between
charges, especially in applications requiring long stand
by or low power mode durations. It is a highly efficient
PMIC that also enhances battery run time during normal
operating modes. The number of regulators that can be
turned OFF or left ON during low power modes is
configurable and offers users flexibility to optimize
system efficiency.
The IC includes four DC/DC converters with integrated
power FETs, three low-dropout regulators (LDOs), and
three load switches. Two of the DC/DC converters are
step down buck regulators, one is a step up/down buck-
boost regulator and the fourth is a high voltage step-up
boost regulator capable of providing up to 20V. Each
regulator can be configured for a wide range of output
voltages through the I2C interface.
The ACT81460
is
highly
configurable.
It
offers
configurable power sequencing combinations, startup
timing,
output
voltage
settings,
fault
monitoring,
interrupt control, programmable GPIO options, and
many more features. The device is pre-configured at the
factory with default configuration settings that can be
further adjusted though firmware via the standard I2C
interface to suit individual system requirements. The IC
also features the ability to sequence external power
supply rails as part of the power up sequence by using
GPIOs.
The ACT81460 PMIC is available in a 3.33mm x
3.28mm, 49 ball WLCSP package.


Similar Part No. - ACT81460

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
ACT81460VM101-T ACTIVE-SEMI-ACT81460VM101-T Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
More results

Similar Description - ACT81460

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8671X MAXIM-MAX8671X Datasheet
796Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
logo
Eutech Microelectronics...
EUP8010X EUTECH-EUP8010X Datasheet
292Kb / 12P
Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
logo
Maxim Integrated Produc...
MAX8671X MAXIM-MAX8671X_08 Datasheet
829Kb / 44P
PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
Rev 0; 8/07
logo
Texas Instruments
TPS65720 TI1-TPS65720_15 Datasheet
2Mb / 66P
Integrated PMIC
TPS65720 TI1-TPS65720_16 Datasheet
2Mb / 66P
Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
Integrated PMIC
RT5028C RICHTEK-RT5028C_16 Datasheet
624Kb / 41P
Integrated PMIC
RT5028D RICHTEK-RT5028D Datasheet
637Kb / 41P
Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
Integrated PMIC
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com