Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT81460 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # ACT81460
Description  Low Power PMIC With Integrated Linear Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT81460 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button ACT81460 Datasheet HTML 17Page - Qorvo, Inc ACT81460 Datasheet HTML 18Page - Qorvo, Inc ACT81460 Datasheet HTML 19Page - Qorvo, Inc ACT81460 Datasheet HTML 20Page - Qorvo, Inc ACT81460 Datasheet HTML 21Page - Qorvo, Inc ACT81460 Datasheet HTML 22Page - Qorvo, Inc ACT81460 Datasheet HTML 23Page - Qorvo, Inc ACT81460 Datasheet HTML 24Page - Qorvo, Inc ACT81460 Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
ACT81460
Low Power PMIC With Integrated Linear Charger
Data Sheet Rev. C, January 2022 | Subject to change without notice
21 of 67
www.qorvo.com
®
GPIO ELECTRICAL CHARACTERISTICS
(VIO_IN = 1.8V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GPIO1,2,3,4 Input Low
VIO_IN = 1.8V
0.4
V
GPIO1,2,3,4 Input High
VIO_IN = 1.8V
1.35
V
GPIO1,2,3,4 Input Low
VIO_IN = 3.3V
1.2
V
GPIO1,2,3,4 Input High
VIO_IN = 3.3V
2.4
V
GPIO Open Drain Leakage Cur-
rent
Output = 5V
1
µA
GPIO Open Drain Output Low
IOL = 1mA
0.35
V
Output Low
IOL = 0.25mA, CMOS output configuration.
0.35
V
Output High
IOH = 0.25mA, CMOS output configuration.
VIO_IN-0.35
V
VIO_IN Operating Range
1.2
VSYS
V
PBIN Deglitch Time
1k
Ω/50kΩ Ohm Pull down on PB pin
32
ms
PBIN Soft Reset Time
1k
Ω Ohm Pull down on PB pin
2000
3999
ms
PBIN Power Cycle/ Hard Reset
Time
1k
Ω Ohm Pull down on PB pin
4000
ms
PBIN Programmable Turn on
Time Range
Configurable to 32ms, 500ms, 1000ms or 2000ms
32
2000
ms
PBIN Power Cycle Time
Configured as power cycle / hard reset with long
PB press. (50k Ohm Pull Down)
8000
ms
PBIN Turn Off Time
Configured as power off with long PB press.
(50k
Ω Ohm Pull Down, can disable)
12000
ms
PBIN Master Reset Rising Thresh-
old
PBIN rising
1.25
V
PBIN Internal pull up resistance
Pull up to internal supply VSYS
0.5
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com