Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT91CSMX Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT91CSMX
Description  miniature surface mount Watch Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT91CSMX Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT91CSMX Datasheet HTML 1Page - Advanced Crystal Technology ACT91CSMX Datasheet HTML 2Page - Advanced Crystal Technology ACT91CSMX Datasheet HTML 3Page - Advanced Crystal Technology ACT91CSMX Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.000 PIECE REELS
MATERIAL
Tape
A_PET
Reel
Cardboard
ORIENTATION IN CARRIER TAPE
LAYOUT OF TAPE
No Components
10
Cover Tape Leader
150mm Minimum
Start of carrier tape bent vertically and hooked into reel slot.
COVER TAPE OVERLAP
ACT90 & 91CSMX
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
http://www.actcrystals.com
Issue: 7 I3
Date: 16/06/05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com