Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT91CSMX Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT91CSMX
Description  miniature surface mount Watch Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT91CSMX Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT91CSMX Datasheet HTML 1Page - Advanced Crystal Technology ACT91CSMX Datasheet HTML 2Page - Advanced Crystal Technology ACT91CSMX Datasheet HTML 3Page - Advanced Crystal Technology ACT91CSMX Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PEEL STRENGTH
REEL DIMENSIONS (mm)
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
ACT90/91C TAPE & REELING SPECIFICATION cont'd
Using method below the force to start the tape peeling with a pull speed of 300±10 mm/min shall be
0.1~1.3N.
http://www.actcrystals.com
Issue: 7 I3
Date: 16/0605



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com