Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT200 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT200
Description  ultra miniature surface mount Watch Crystal with a low power consumption making it ideal for
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT200 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT200 Datasheet HTML 1Page - Advanced Crystal Technology ACT200 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue 6 M4E
Date 30-06-06
ACT200 TAPE AND REEL
SOLDERING of SMD WATCH CRYSTALS
Reflow oven should be set up to emulate or better the maximum reflow profile shown in the diagram below. Note it is just as
important to conform to the times given as well as the temperatures.
Pre-heat should not exceed 180°C ±5°C Maximum time 120s
Peak soldering temperature should not exceed 260°C.
Time at peak temperature should not exceed 10 seconds.
Total reflow time above 120°C should not exceed 6 minutes.
WASH PROCESSES and SMD WATCH CRYSTALS
In order to achieve the optimum performance of plastic packaged watch crystals the plastic normally used is a polymer plastic
which is porous.
With some wash processes (Involving total immersion of the unit) the moisture ingress causes an impedance across the internal
crystal unit connections to stop it oscillating. In time (shortened by a drying process) the crystal will recover to its original
characteristics. The performance with regard to damp heat (humidity) is not effected by the use of this plastic.
Devices using an epoxy plastic are an option to overcome this problem should it cause any inconvenience. But this type of
package is increasingly becoming more difficult to obtain due to environmental problems with the use of epoxy plastics.
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com