Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT200 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT200
Description  ultra miniature surface mount Watch Crystal with a low power consumption making it ideal for
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT200 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT200 Datasheet HTML 1Page - Advanced Crystal Technology ACT200 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 0044 (0)118 979 1238
Fax: 0044 (0)118 979 1283
E-mail: info@actcrystals.com
Parameter
Symbol
Specification
Condition
Nominal Frequency
fo
32.768KHz
Frequency Tolerance
Δf/fo
±5, ±10, ±20, ±30ppm
@25°C
Frequency v Temp Characteristics
Δf/fo
See drawing
-10 ~ +60°C
Turnover Temperature
Tm
25°C ±5°C
Freq. Temp. coefficient
β
-0.034 ±0.006ppm/°C²
Temp Operating Range
Topr
-40 ~ +85°C
Temp Storage Range
Tstg
-55 ~ +125°C
Equivalent Series Resistance
ESR
50K
Ω max
@25°C
Shunt Capacitance
Co
1.35pF Typical
Load Capacitance
CL
Please specify
Motional Capacitance
C1
0.003pF Typical
Capacitance Ratio
γ
450 Typical
Drive Level
DL
1
μW max
Insulation Resistance
IR
500M
Ω min
@ DC 100V ±15V
Aging (first year)
Fa
±3ppm max
25°C ±3°C
Specification
The ACT200 is an ultra miniature surface mount Watch Crystal with a low power consumption making it ideal for
portable applications. Its small footprint renders it suitable for high density circuit boards or applications where
space is limited. The tape and reel packaging means that it is ideal for automatic placement machines (loose product
is also available).
The heart of the device is a heat resistant cylinder type crystal which provides for high stability characteristics
sufficient to allow reflow soldering.
ACT200
Please note that all parameters can not necessarily be specified in the same device
6 &12.5pF( Other options available )
Customer to specify: Frequency Tolerance, Load Capacitance, Operating Temperature Range & Storage Temperature Range
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue 6 M4E
Date 30-06-06
Pad surface material Sn Cu
1 of 2


Similar Part No. - ACT200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT200 ETC-ACT200 Datasheet
72Kb / 1P
ACT200
logo
Advanced Crystal Techno...
ACT200A ACT-ACT200A Datasheet
211Kb / 2P
miniature SMD Watch Crystal with excellent low power consumption,
20-12-06
ACT200A ACT-ACT200A_13 Datasheet
327Kb / 3P
miniature SMD Watch Crystal with excellent low power consumption
31-05-2012
ACT200B-200C ACT-ACT200B-200C Datasheet
207Kb / 3P
miniature SMD Watch Crystals
31-5-2012
More results

Similar Description - ACT200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT2X6HRSMX ACT-ACT2X6HRSMX Datasheet
185Kb / 2P
a miniature surface mount Watch
10/10/06
ACT2X6LCSMX ACT-ACT2X6LCSMX Datasheet
146Kb / 1P
a miniature surface mount Watch
11/04/06
ACT90 ACT-ACT90 Datasheet
290Kb / 4P
miniature surface mount Watch Crystal
16/06/05
ACT200A ACT-ACT200A Datasheet
211Kb / 2P
miniature SMD Watch Crystal with excellent low power consumption,
20-12-06
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal
17/08/04
ACTJ206SMX ACT-ACTJ206SMX Datasheet
295Kb / 2P
miniature surface mount Watch Crystal in a cylindrical
23/03/07
logo
Fox Electronics
FSP FOX-FSP Datasheet
78Kb / 1P
ULTRA MINIATURE SURFACE MOUNT WATCH CRYSTAL
logo
Advanced Crystal Techno...
ACT200A ACT-ACT200A_13 Datasheet
327Kb / 3P
miniature SMD Watch Crystal with excellent low power consumption
31-05-2012
ACTJ206SMX ACT-ACTJ206SMX_12 Datasheet
183Kb / 3P
miniature surface mount Watch Crystal in a cylindrical
31-05-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com