Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT1100 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT1100
Description  Standard Clock Oscillators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT1100 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT1100 Datasheet HTML 1Page - Advanced Crystal Technology ACT1100 Datasheet HTML 2Page - Advanced Crystal Technology ACT1100 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Reliability tests
Issue 5 C1A
Date 23/3/6
ACT1100 / ACT1700 Standard Clock Oscillators
105±3°C 16 hrs measurements after at least 1 hr at atmospheric conditions
Aging
85±3°C 30 days measurements after at least 1 hr at atmospheric conditions.
As per profile fig.1 below and/or soldering iron applied for 5s max tip
temperature 350±10°C
Low Temperature
Storage
-55±3°C 2hrs measurements after at least 1 hr at atmospheric conditions
High Temperature
Storage
Specification as
per page 1 must be
met.
Damp Heat
Constant
Temperature 40±2°C RH 90~95% for 56 days. Measurements after at 1 hr at
atmospheric conditions
Resistance to
Soldering Heat
http://www.actcrystals.com
Fax :
0044 (0)118 979 1283
Test
Test Method
Drop
750mm height.
3 drops.
Onto wood.
Shock
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Thermal Cycling
100cycles to the temperature profile fig 2 below. Measurements after at least 1
hr at atmospheric conditions
Solderability
255±5°C for 10±0.5s using Rosin resin methyl alcohol flux Solvent (1:4) dipped
to a nominal depth of 0.5mm.
Vibration
10 to 55Hz and return to 10Hzamplitude 1.5mm sweep time 1min.
2 hrs each of X, Y and Z axis.
Total test time 6 hrs
Leak
Helium bomb: Pressure 200kpa Time 70 min
pressure release 5 min measure within 30min
Measurement
Requirements
<4x10
-9pa.m3/s
Tel :
0044 (0)118 979 1238
Peak acceleration 981m/s2 Pulse duration 6ms
Each of X, Y and Z axis.
3 shocks each axis
email :
info@actcrystals.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com