Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT1100 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT1100
Description  Standard Clock Oscillators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT1100 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT1100 Datasheet HTML 1Page - Advanced Crystal Technology ACT1100 Datasheet HTML 2Page - Advanced Crystal Technology ACT1100 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Parameter
Symbol
500KHz ~ 125.0MHz
Frequency Stability
Δf/fo
±25ppm, ±50ppm and ±100ppm
Temp Operating Range
Topr
0 ~ +70°, -10 ~ +70°C
Temp Storage Range
Tstg
-40~85°C
Supply Voltage
VDD
3.3Vdc ±10%
5.0Vdc ±10%
15mA max
25mA max
25mA max
35mA max
40/60%, 45/55% TTL
40/60%, 45/55% HCMOS
Output Level ‘0’
VOL
TTL 0.4V max, HCMOS .33V max
TTL 0.4V max, HCMOS 0.5V max
Output Level ‘1’
VOH
TTL 2.4V min, HCMOS 2.97V min VDD
TTL 2.4V min, HCMOS 4.5V min VDD
Output Logic
TTL / HCMOS
TTL 10 Gates
CMOS 15 pF
Measured between 0.4V ~ 2.4V (RL = 390
Ω ; CL = 15pF)
Measured between 10%~ 90% VDD (CL = 15pF)
Start-up Time
4mSec max,
Option on Pin 1
Tri State or No Connection
Aging
±5ppm / year max
ACT1100 ( 'V' SERIES )
ACT1700 ( 'CL' SERIES )
Issue 5 C1A
Date 23/3/6
Please Specify
Frequency Range
fo
Please Specify
VDD = 3.3V
VDD = 5.0V
VDD = 3.3V
VDD = 5.0V
Please note that all parameters can not necessarily be specified in the same device
Supply Current
Iop
Please Specify
Please Specify
0.5 - 27MHz
Fax :
0044 (0)118 979 1283
Customer to specify : Frequency, Operating Temperature Range, Frequency Stability, Supply Voltage, Duty Cycle, Output Enable (Tristate) If required
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
http://www.actcrystals.com
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Tel :
0044 (0)118 979 1238
email :
info@actcrystals.com
Condition
ACT1100 / ACT1700 Standard Clock Oscillators
The ACT1100 is a full size through hole oscillator. The ACT1700 is a half size through hole oscillator. The
popularity of these families still remains even after the advent of smaller surface mount devices. With wide
frequency and operating temperature ranges, these series offer low cost & good reliability for ATM, Networking,
Microprocessor and Consumer applications. An option with a supply voltage of 2.5V is available please contact
our sales desk for details. For frequencies < 500KHz, >125MHz & ± 10ppm stability please refer to the
ACT1100HS/1700HS data.
Specification
Specification
CMOS 10nSec max, 3nSec typical
@25°C
Duty Cycle
TW/t
Rise & Fall Time
tr/tf
Output Load
TTL
10nSec max, 3nSec typical
Please Specify
Measured at 50% VDD
Measured at +1.4Volts
27 - 125MHz
Plating Material on leads
SnAgCu
Soldering conditions
please refer to page 3
1 of 3


Similar Part No. - ACT1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ACT11008 TI-ACT11008 Datasheet
77Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Advanced Crystal Techno...
ACT1100HS ACT-ACT1100HS Datasheet
148Kb / 2P
Clock Oscillators
3/4/6
More results

Similar Description - ACT1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32SMO ETC-32SMO Datasheet
131Kb / 1P
STANDARD SMD CLOCK OSCILLATORS
logo
Advanced Crystal Techno...
ACT1100HS ACT-ACT1100HS Datasheet
148Kb / 2P
Clock Oscillators
3/4/6
logo
Oscilent Corporation
320 OSCILENT-320 Datasheet
143Kb / 3P
Clock Oscillators
330 OSCILENT-330 Datasheet
140Kb / 3P
Clock Oscillators
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1_18 Datasheet
64Kb / 1P
Clock Oscillators
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
Clock Oscillators
KC3225A-C3 KSS-KC3225A-C3_18 Datasheet
63Kb / 1P
Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
Clock Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com