Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG4971DP-30DC-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG4971DP-30DC-RSP
Description  4950 MHz to 7125 MHz, 2-foot collapsible Parabolic Antenna, 2x2 MIMO, 30 dBi, RPSMA, 2 Pack
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG4971DP-30DC-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG4971DP-30DC-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG4971DP-30DC-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG4971DP-30DC-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc. HG4971DP-30DC-RSP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
HG4971DP-30DC-RSP REV 1.1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
4950 MHz to 7125 MHz, 2-foot collapsible Parabolic
Antenna, 2x2 MIMO, 30 dBi, RPSMA, 2 Pack
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
4950 MHz to 7125 MHz, 2-foot collapsible Parabolic Antenna, 2x2 MIMO, 30 dBi, RPSMA, 2 Pack HG4971DP-30DC-RSP
Features
• 2-Foot collapsible parabolic antenna
• 4950 to 7125 MHz, 30 dBi
• VSWR < 2.5:1
• All aluminum dish
• Dual slant (V/H or ±45°)
• 50 W max input power per port
• 2 x RPSMA female connectors
• DC ground
Applications
• Long distance backhaul
• Point to point data links (PtP)
• Point to multi-point data links (PtMP)
• Wi-Fi 5, Wi-FI 6, Wi-Fi 6E and Wi-Fi 7
• Unlicensed 5GHz and 6GHz bands
• 5G bands - n46, n47, n96, n102, n104
• 2x2 MIMO capability
• High speed internet access
Description
The L-Com HG4971DP-30DC-RSP collapsible parabolic antenna is for point to point communications that uses a parabolic reflector to
direct the waves to the receiver in its focal point. It has a frequency range of 4950 to 7125 MHz, providing stability over a wide band-
width to support gigabit transmissions and has operating temperature ranging from -40°C to 70°C (-32°F to 158°F). This antenna has a
30 dBi high gain, which describes electrical power conversion capability.
The L-Com HG4971DP-30DC-RSP collapsible parabolic antenna has an RP-SMA connector capable of carrying microwave fre-
quencies used to join coaxial cables. This point to point antenna has a 50 Ohms impedance and is highly directional, which means it
receives greater power in a specific direction. This antenna features dual slant (V/H or ±45°) polarization, which makes them compatible
with any single or dual polarized 2 x 2 MIMO radio and eliminates the risk of link strength degradation due to polarization mismatch.
The L-Com white collapsible parabolic antenna is of 2 feet size and has less than 2.5 VSWR (Voltage Standing Wave Ratio) that results
in the best power transfer and reduced losses. It has 50 W maximum power per port within which it has the ability to perform without
damage. This antenna has dc ground lighting protection to protect the system from damage due to lighting strikes.
This L-Com HG4971DP-30DC-RSP collapsible parabolic antenna, 4950 to 7125 MHz, 30 dBi is in stock and ready to ship same-day.
This high-performance 30 dBi wifi 6e antenna is ideal for 4.9/5.1/5.3/5.4/5.8/6 GHz ISM and UNII band, Wi-Fi 6e and Wi-Fi 7, and long
distance backhaul and point to point data link applications. Based on your specifications, our expert technical support and highly trained
sales team can find the ideal 4950 to 7125 MHz, 30 dBi collapsible parabolic antenna.
Configuration
Design
Parabolic
Application Band
MIMO
Band Type
Single
Polarization
H/V or 45 Deg. Slant
Connector Type
SMA Reverse Polarity
Interface 2
SMA Reverse Polarity
Number of Ports
2
Lightning Protection
DC Grounded
HG4971DP-30DC-RSP


Similar Part No. - HG4971DP-30DC-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG4971DP-30DC-C5X L-COM-HG4971DP-30DC-C5X Datasheet
1Mb / 5P
4.9-6.4 GHz, 2-foot MIMO Dish Antenna with C5x, C6x, B5x Mimosa Adapter, 2 Pack
03/28/2023
HG4971DP-30DC-NF L-COM-HG4971DP-30DC-NF Datasheet
471Kb / 4P
4950 MHz to 7125 MHz, 2-foot collapsible Parabolic Antenna, 2x2 MIMO, 30 dBi, NF, 2 Pack
01/19/2024
More results

Similar Description - HG4971DP-30DC-RSP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7800W-AT013 HARRIS-RF-7800W-AT013 Datasheet
264Kb / 2P
Rapidly Deployable Three-Foot Parabolic grid Antenna
logo
Pasternack Enterprises,...
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
logo
Pulse A Technitrol Comp...
W6112B0100 PULSE-W6112B0100 Datasheet
2Mb / 17P
2x2 MIMO LTE FPC ANTENNA
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
2x2 MIMO LTE GNSS FPC ANTENNA
logo
Taoglas antenna solutio...
PAD71XA TAOGLAS-PAD71XA Datasheet
1Mb / 21P
GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
logo
TE Connectivity Ltd
2246667-1 TEC-2246667-1 Datasheet
2Mb / 3P
2400??483.5 MHz & 5150??875 MHz MIMO 2X2 DUAL BAND CABLED ANTENNA
logo
Pasternack Enterprises,...
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
logo
Pulse A Technitrol Comp...
W6114XXXX PULSE-W6114XXXX Datasheet
3Mb / 9P
Internal Antenna 5G/4G 2x2 MIMO FPC Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com