Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG4971DP-30DC-RSP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG4971DP-30DC-RSP
Description  4950 MHz to 7125 MHz, 2-foot collapsible Parabolic Antenna, 2x2 MIMO, 30 dBi, RPSMA, 2 Pack
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG4971DP-30DC-RSP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG4971DP-30DC-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG4971DP-30DC-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG4971DP-30DC-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc. HG4971DP-30DC-RSP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
HG4971DP-30DC-RSP REV 1.1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
4950 MHz to 7125 MHz, 2-foot collapsible Parabolic
Antenna, 2x2 MIMO, 30 dBi, RPSMA, 2 Pack
HG4971DP-30DC-RSP
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
4,950
7,125
MHz
Input VSWR
2:1
Impedance
50
Ohms
Front to Back Ratio
30
dB
Horizontal (Azimuth) HPBW
5
Degrees
Vertical (Elevation) HPBW
5
Degrees
Input Power
50
Watts
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
4.95-5.1
5.1-5.9
5.9-7.125
GHz
Gain
29
30
31
dBi
VSWR Max
2.5:1
2:1
2:1
.
e
Mechanical Specifications
Radome Material
Aluminum
Size
Length
23.6 in [599.44 mm]
Width
23.6 in [599.44 mm]
Height
8 in [203.2 mm]
Mounting Mast Diameter
1.1811 to 3.14961 in [30.00 to 80.00 mm]
Weight
14.33 lbs [6.5 kg]
Environmental Specifications
Temperature
Operating Range
-40 to +70 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com