Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8CSV-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT8CSV-4
Description  4 and 6 pad miniature SMD Voltage Controlled Crystal Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT8CSV-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT8CSV-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT8CSV-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
Condition
+/-30ppm +/-50ppm
Table 1
6 PAD OPTION
Please specify
Pin 2 & Pin 5 have the option of Tri-state or N/C. Cannot be the same option.
Customer to specify:Frequency, Frequency Tolerance, Operating Temperature Range, Supply Voltage Linearity & Symmetry, 6 Pad pin option.
-20+70°C
-40+85°C
Output Voltage
Pulling Range
@25°C
Start Up Time
Aging
Fa
VOL
VOH
Temp Operating Range
Storage Temp Range
Frequency Stability
Duty Cycle
Supply Voltage
3.3VDC ±5%
5.0VDC ±5% max
Frequency Range
fo
1.5 ~ 80.00 MHz
VDD
Δfc
Tosc
Tstg
Tw/t
40/60% standard & 45/55% option
10nS max
N/CL
2.4VDC max (TTL), 90% VDD min (HCMOS)
±50,±60,±75,±80,±100,±130 and ±150ppm others enquire
Δf/fo
Topr
Please refer to table 1
Please refer to table 1
Please specify
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
-55 to 125°C
ACT8CSV - 4 & ACT8CSV-6
Specification
Specification
Parameter
Please specify
The ACT8CSV family consists of 4 and 6 pad miniature SMD Voltage Controlled Crystal
Oscillators (VCXO) housed in a 7 x 5 mm ceramic package with a metal lid. Only 1.7mm high it
is ideal for high density automatic assembly printed circuit boards. These devices can be pulled
between ±50ppm & ±150ppm from the nominal frequency by varying the voltage on pin 1.
Applications include PLL circuits, Cellular / PCS Telephony, Set Top Box, MP3 Players,
Audio/Video, Video Game Consoles, HDTV, SATCOM, GPS Receivers and many more.
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Please specify
Please specify
Please specify
± 5ppm / year max
10mS max
-10+70°C
Slope / Linearity
Vc
Positive / 10% standard 5% option
Tr/Tf
Rise & Fall Time
Output Logic
Output Load
TTL / HCMOS
10TTL / 15pF HCMOS
0.4VDC max (TTL), 10% VDD min (HCMOS)
+/-100ppm
+/-20ppm +/-25ppm
Please specify
Please specify
Frequency dependant
Voltage Control
Vc
1.65VDC ± 1.65V
2.5V ± 2.0V
Supply Current
Iop
10 ~ 25mA
15 ~ 35mA
Issue: 6 D2
Date: 15/11/05
Pad surface material Au
Dimensions (mm)
1 of 2


Similar Part No. - ACT8CSV-4

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT801 ACTIVE-SEMI-ACT801 Datasheet
186Kb / 4P
Active Direct Drive LED Driver
22-Oct-12
ACT801YK-T ACTIVE-SEMI-ACT801YK-T Datasheet
186Kb / 4P
Active Direct Drive LED Driver
22-Oct-12
logo
Concordia Technologies ...
ACT812X9.0 CONCORDIATECHNOLOGIES-ACT812X9.0 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Active-Semi, Inc
ACT81460 ACTIVE-SEMI-ACT81460 Datasheet
5Mb / 60P
Low Power PMIC With Integrated Linear Charger
Rev 1.0, 18-Dec-2018
logo
Qorvo, Inc
ACT81460 QORVO-ACT81460 Datasheet
3Mb / 67P
Low Power PMIC With Integrated Linear Charger
Rev. C, January, 2022
More results

Similar Description - ACT8CSV-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT7CSV-6 ACT-ACT7CSV-6 Datasheet
253Kb / 3P
6-pad miniature SMD Voltage Controlled Crystal Oscillators (VCXO)
26/08/2005
ACT8MSV ACT-ACT8MSV Datasheet
116Kb / 2P
4/6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/09/04
ACT9CSV-6 ACT-ACT9CSV-6 Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9CSV ACT-ACT9CSV Datasheet
96Kb / 1P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9SVH-6 ACT-ACT9SVH-6 Datasheet
191Kb / 2P
a 6-pad miniature SMD Voltage Controlled Crystal Oscillator (VCXO)
29-09-05
ACT9PSV-4 ACT-ACT9PSV-4 Datasheet
109Kb / 2P
4 & 6 pad miniature surface mount Voltage Controlled Crystal Oscillators
15/11/05
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
Voltage Controlled Crystal Oscillators
logo
Crystek Corporation
CVXO-083 CRYSTEKCRYSTAL-CVXO-083 Datasheet
417Kb / 2P
Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032L KSS-KV5032L Datasheet
65Kb / 1P
Voltage Controlled Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com