Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB Datasheet(PDF) 2 Page - KITAGAWA GmbH

Part # MLB
Description  Ferrite Chip Bead for high speed application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MLB Datasheet(HTML) 2 Page - KITAGAWA GmbH

  MLB Datasheet HTML 1Page - KITAGAWA GmbH MLB Datasheet HTML 2Page - KITAGAWA GmbH MLB Datasheet HTML 3Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
77
1 MLB-160808-0030S03
>       2 MLB-201209-0300S02
>       3 MLB-201209-0600S02
>       4 MLB-321611-0600C30
>       5 MLB-321611-0080C40
>       6 MLB-321611-0120C60
>       7 MLB-100505-0120N15
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-201209-0300S02
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
30
60
90
120
MLB-160808-0030S03
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
400
800
1200
1600
MLB-201209-0600S02
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-321611-0600C30
Z R
XL
1
10
100
1000
FREQ(MHz)
0
40
80
120
160
MLB-321611-0080C40
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
50
100
150
200
MLB-321611-0120C60
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
60
120
180
240
MLB-100505-0120N15
Z
R
XL
FERRITE CHIP BEAD FOR HIGH SPEED/MLB
Part No.
Impedance
(Ω)@100MHz±25%
DCR (Ω)max
Rated Current
(mA) max
MLB-100505-0120S015
120
0,500
150
MLB-100505-0300S01
300
0,900
100
MLB-160808-0030S03
30
0,300
300
MLB-160808-0060S03
60
0,300
300
MLB-160808-0080S03
80
0,300
300
MLB-160808-0120S02
120
0,300
200
MLB-160808-0150S02
150
0,400
200
MLB-160808-0220S02
220
0,400
200
MLB-160808-0300S02
300
0,500
200
MLB-160808-0600S02
600
0,600
200
MLB-160808-1000S01
1000
1,000
100
MLB-201209-0026S05
26
0,200
500
MLB-201209-0060S04
60
0,300
400
MLB-201209-0120S03
120
0,300
300
MLB-201209-0300S02
300
0,500
200
MLB-201209-0600S02
600
0,600
200
MLB-201209-1000S02
1000
0,800
200
MLB-321611-0120S04
120
0,300
400
MLB-321611-0600S02
600
0,600
200
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
■ MLB-100505-0120S015
■ MLB-100505-0300S01
■ MLB-160808-0080S03
■ MLB-160808-0030S03
■ MLB-160808-0120S02
■ MLB-160808-0060S03
■ MLB-160808-0150S02
Please contact us if other specification
(Size,Impedance, Rated Current etc.) is needed.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com