Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # MLB
Description  Ferrite Chip Bead for high speed application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MLB Datasheet(HTML) 1 Page - KITAGAWA GmbH

  MLB Datasheet HTML 1Page - KITAGAWA GmbH MLB Datasheet HTML 2Page - KITAGAWA GmbH MLB Datasheet HTML 3Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
76
Ferrite Chip Bead for high speed application
FERRITE CHIP BEAD FOR HIGH SPEED/MLB
●
EMI suppression for various electric equipment by addition of impedance to the circuit.
●
It is particular effective with unstable grounding.
●
High frequency EMI preventation of computers, printers, VCRs,TVs, and portable telephone.
●
High speed signal or frequency (clock) harmonics EMI suppression.
●
Clock, VGA data
●
MLB (for High speed) can minimize attenuation of the signal wave form for high speed signal due to ist sharp
impedance characteristics.That is much lower impedance in frequency range lower than 100MHz.
●
Impedance Range: 26 to 1000 ohm
●
Rated Current Range: 100 mA to 500 mA
●
Operating temperature Range: -40°C to +125°C
●
Soldering Method: Reflow of Wave soldering, suitable for lead free soldering
●
Packaging Method : Tape & Reel (per EIA Specifications)
●
Storage Temperature : max.40°C, RH 70%
Feature
Application
Part Number Code
MLB
-
160808
-
0600
S
01
Series Name
Size Code
Impedance
(ex.0600=600 Ω ± 25%)
Classification
Rated Current
S=For High Speed Application
01=200 mA
SIZE CODE
A
B
C
D
Chips/reel
100505(0402)
1.00+/-0.1
0.50+/-0.1
0.50+/-0.1
0.25+/-0.1
10000
160808(0603)
1.60+/-0.2
0.80+/-0.2
0.80+/-0.2
0.3+/-0.2
4000
201209(0805)
2.00+/-0.2
1.20+/-0.2
0.90+/-0.2
0.5+/-0.3
4000
321611(1206)
3.20+/-0.2
1.60+/-0.2
1.10+/-0.2
0.5+/-0.3
3000
Shape and Dimensions
Unit: mm
Ferrite
Terminal Electrode
A
D
B
C
Notes for MLB Series
Please contact our sales department for the application other than above mentioned indication.
Please ask individual data sheet to verify detailed specification and performance.


Similar Part No. - MLB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MLB MARKTECH-MLB Datasheet
648Kb / 2P
Cree ML-B White Series on Linear Board
logo
PCTEL, Inc.
MLB PCTEL-MLB Datasheet
161Kb / 1P
Lowband Quarter Wave Antennas
logo
KITAGAWA GmbH
MLB KGS-MLB Datasheet
2Mb / 3P
Ferrite Chip Bead, high current type
MLB KGS-MLB Datasheet
4Mb / 4P
Ferrite Chip Bead, normal type
logo
List of Unclassifed Man...
MLB-1 ETC2-MLB-1 Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MLB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21A MURATA-BLM21A Datasheet
112Kb / 3P
Chip Ferrite Bead
BLM15PD121SN1D MURATA-BLM15PD121SN1D Datasheet
47Kb / 2P
Chip Ferrite Bead
BLM21PG221SN1D MURATA-BLM21PG221SN1D Datasheet
123Kb / 4P
Chip Ferrite Bead
BLM31PG330SN1L MURATA-BLM31PG330SN1L Datasheet
43Kb / 1P
Chip Ferrite Bead
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
Chip Ferrite Bead for High Current
SCGB1005S100FPF SOCAY-SCGB1005S100FPF Datasheet
241Kb / 7P
Chip Ferrite Bead
logo
Superworld Electronics
Z2K300-RG-10 SUPERWORLD-Z2K300-RG-10_17 Datasheet
336Kb / 8P
Ferrite Chip Bead
Z1M100-RM-10 SUPERWORLD-Z1M100-RM-10_17 Datasheet
256Kb / 5P
Ferrite Chip Bead ??Z1 Large Current Application Series
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10_17 Datasheet
291Kb / 7P
Ferrite Chip Bead ??Z4 Large Current Application Series
logo
Murata Manufacturing Co...
BLM15AG100SH1D MURATA-BLM15AG100SH1D Datasheet
132Kb / 8P
Chip Ferrite Bead
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com