Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2414P-RTP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2414P-RTP
Description  HyperLink Wireless 2.4 GHz 14 dBi Flat Patch Wireless LAN Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2414P-RTP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2414P-RTP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2414P-RTP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 14 dBi Flat Patch Wireless
LAN Antenna Model: HG2414P
Applications and Features
Applications:
2.4 GHz ISM Band
IEEE 802.11b, 802.11g, 802.11n Wireless LAN
Bluetooth®
Public Wireless Hotspot
WiFi
Wireless Video Systems
Features:
Superior performance
Light weight
Durable UV-stable, UL flame rated radome
Low loss solid brass elements
DC Short lightning protection
12 inch coax lead
Can be installed for either vertical or horizontal polarization
Optional mounting brackets available
Description
Directional Flat Patch Antenna
The HG2414P is a high performance directional flat patch WiFi antenna suitable for indoor and outdoor applications in the
2.4GHz ISM band, including IEEE 802.11b, 802.11g and 802.11n wireless LANs, Bluetooth®, and public wireless hotspots. This
WiFi antenna is lightweight and features an aesthetic UV-stable, UL flame rated white plastic radome which can also be painted
to match the room or building structure. The HG2414P can be installed for horizontal or vertical polarization. It can be wall or
ceiling mounted, as well as mast-mounted using U-bolts.
Specifications
Electrical Specifications
Frequency
2400-2500 MHz
Gain
14 dBi
Horizontal Beam Width
30 degrees
Vertical Beam Width
30 degrees
Impedance
50 Ohm
Max. Input Power
25 Watts
VSWR
< 1.5:1 avg.
Lightning Protection
DC Short


Similar Part No. - HG2414P-RTP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2414P-RSP L-COM-HG2414P-RSP Datasheet
458Kb / 2P
HyperLink Wireless 2.4 GHz 14 dBi Flat Patch Wireless LAN Antenna
More results

Similar Description - HG2414P-RTP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com