Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2417XP-4NF Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # HG2417XP-4NF
Description  2400 MHz to 2500 MHz Cross Polarization MIMO Flat Panel Antenna, 17 dBi gain, 4 Port with N Female Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2417XP-4NF Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  HG2417XP-4NF Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 3Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 4Page - Infinite Electronics International, Inc. HG2417XP-4NF Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
3
HG2417XP-4NF REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
2400 MHz to 2500 MHz Cross Polarization MIMO Flat Panel
Antenna, 17 dBi gain, 4 Port with N Female Connectors
HG2417XP-4NF
Test Frequency:2400MHz
Test Plane:Vertical
Test Plane
: Horizontal
Test Frequency:2500MHz
Test Plane:Vertical
Test Plane
: Horizontal
2400 MHz to 2500 MHz Cross Polarization MIMO Flat Panel Antenna, 17 dBi gain, 4 Port with N Female Connectors from L-com has



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com